Electronic Components Datasheet Search
  English  ▼

X  

CS42528 Datasheet(PDF) 6 Page - Cirrus Logic

Part # CS42528
Description  114 dB, 192 kHz 8-Ch Codec with S/PDIF Receiver
PDF  91 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS42528 Datasheet(HTML) 6 Page - Cirrus Logic

Back Button CS42528 Datasheet HTML 2Page - Cirrus Logic CS42528 Datasheet HTML 3Page - Cirrus Logic CS42528 Datasheet HTML 4Page - Cirrus Logic CS42528 Datasheet HTML 5Page - Cirrus Logic CS42528 Datasheet HTML 6Page - Cirrus Logic CS42528 Datasheet HTML 7Page - Cirrus Logic CS42528 Datasheet HTML 8Page - Cirrus Logic CS42528 Datasheet HTML 9Page - Cirrus Logic CS42528 Datasheet HTML 10Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 91 page
background image
6
DS586F1
CS42528
LIST OF TABLES
Table 1. Common OMCK Clock Frequencies ............................................................................................ 26
Table 2. Common PLL Output Clock Frequencies..................................................................................... 26
Table 3. Slave Mode Clock Ratios ............................................................................................................. 27
Table 4. Serial Audio Port Channel Allocations ......................................................................................... 28
Table 5. DAC De-Emphasis ....................................................................................................................... 49
Table 6. Receiver De-Emphasis ................................................................................................................ 49
Table 7. Digital Interface Formats .............................................................................................................. 50
Table 8. ADC One-Line Mode.................................................................................................................... 50
Table 9. DAC One-Line Mode.................................................................................................................... 50
Table 10. RMCK Divider Settings .............................................................................................................. 53
Table 11. OMCK Frequency Settings ........................................................................................................ 53
Table 12. Master Clock Source Select....................................................................................................... 54
Table 13. AES Format Detection ............................................................................................................... 55
Table 14. Receiver Clock Frequency Detection......................................................................................... 56
Table 15. Example Digital Volume Settings ............................................................................................... 58
Table 16. ATAPI Decode ........................................................................................................................... 60
Table 17. Example ADC Input Gain Settings ............................................................................................. 61
Table 18. TXP Output Selection................................................................................................................. 63
Table 19. Receiver Input Selection ............................................................................................................ 63
Table 20. Auxiliary Data Width Selection ................................................................................................... 66
Table 21. External PLL Component Values & Locking Modes .................................................................. 77



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com