Electronic Components Datasheet Search
  English  ▼

X  

CS42528 Datasheet(PDF) 50 Page - Cirrus Logic

Part # CS42528
Description  114 dB, 192 kHz 8-Ch Codec with S/PDIF Receiver
PDF  91 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS42528 Datasheet(HTML) 50 Page - Cirrus Logic

Back Button CS42528 Datasheet HTML 46Page - Cirrus Logic CS42528 Datasheet HTML 47Page - Cirrus Logic CS42528 Datasheet HTML 48Page - Cirrus Logic CS42528 Datasheet HTML 49Page - Cirrus Logic CS42528 Datasheet HTML 50Page - Cirrus Logic CS42528 Datasheet HTML 51Page - Cirrus Logic CS42528 Datasheet HTML 52Page - Cirrus Logic CS42528 Datasheet HTML 53Page - Cirrus Logic CS42528 Datasheet HTML 54Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 50 / 91 page
background image
50
DS586F1
CS42528
6.5
Interface Formats (address 04h)
6.5.1
DIGITAL INTERFACE FORMAT (DIFX)
Default = 01
Function:
These bits select the digital interface format used for the CODEC Serial Port and Serial Audio Interface
Port when not in One-Line Mode. The required relationship between the Left/Right clock, serial clock,
and serial data is defined by the Digital Interface Format and the options are detailed in 11-12.
6.5.2
ADC ONE_LINE MODE (ADC_OLX)
Default = 00
Function:
These bits select which mode the ADC will use. By default, One-Line Mode is disabled, but it can be
selected using these bits. Please see Figures 13 and 14 to see the format of One-Line Mode 1 and
One-Line Mode 2.
6.5.3
DAC ONE_LINE MODE (DAC_OLX)
Default = 00
Function:
These bits select which mode the DAC will use. By default, One-Line Mode is disabled, but it can be
selected using these bits. Please see Figures 13 and 14 to see the format of One-Line Mode 1 and
One-Line Mode 2.
76
543
21
0
DIF1
DIF0
ADC_OL1
ADC_OL0
DAC_OL1
DAC_OL0
SAI_RJ16
CODEC_RJ16
DIF1
DIF0
Description
Format
Figure
00
Left-Justified, up to 24-bit data
0
11
01
I²S, up to 24-bit data
1
10
10
Right-Justified, 16-bit or 24-bit data
2
12
11
Reserved
--
Table 7. Digital Interface Formats
ADC_OL1
ADC_OL0
Description
Format
Figure
00
DIF: take the DIF setting from reg04h[7:6]
--
01
One-Line #1
3
13
10
One-Line #2
4
14
11
Reserved
--
Table 8. ADC One-Line Mode
DAC_OL1
DAC_OL0
Description
Format
Figure
00
DIF: take the DIF setting from reg04h[7:6]
--
01
One-Line #1
3
13
10
One-Line #2
4
14
11
Reserved
--
Table 9. DAC One-Line Mode



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com