Electronic Components Datasheet Search
  English  ▼

X  

STAC9750 Datasheet(PDF) 28 Page - Integrated Device Technology

Part # STAC9750
Description  VALUE-LINE TWO-CHANNEL AC??7 CODECS
PDF  73 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

STAC9750 Datasheet(HTML) 28 Page - Integrated Device Technology

Back Button STAC9750 Datasheet HTML 24Page - Integrated Device Technology STAC9750 Datasheet HTML 25Page - Integrated Device Technology STAC9750 Datasheet HTML 26Page - Integrated Device Technology STAC9750 Datasheet HTML 27Page - Integrated Device Technology STAC9750 Datasheet HTML 28Page - Integrated Device Technology STAC9750 Datasheet HTML 29Page - Integrated Device Technology STAC9750 Datasheet HTML 30Page - Integrated Device Technology STAC9750 Datasheet HTML 31Page - Integrated Device Technology STAC9750 Datasheet HTML 32Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 73 page
background image
STAC9750/9751
VALUE-LINE TWO-CHANNEL AC’97 CODECS
PC AUDIO
IDT™
28
STAC9750/9751
V 5.8 103106
VALUE-LINE TWO-CHANNEL AC’97 CODECS
5.1.2.6.
Slot 6: PCM Left Record Channel
Audio input frame slot 6 is the left channel output of STAC9750/9751 input MUX, post-ADC.
STAC9750/9751 ADCs are implemented to support 18-bit resolution.
STAC9750/9751 outputs its ADC data (MSB first), and stuffs any trailing non-valid bit positions with 0
to fill out its 20-bit time slot.
See section 6.5.25; page 51 for slot configurations and register settings.
5.1.2.7.
Slot 7: PCM Left Record Channel
Audio input frame slot 7 is the left channel output of STAC9750/9751 input MUX, post-ADC.
STAC9750/9751 ADCs are implemented to support 18-bit resolution.
STAC9750/9751 outputs its ADC data (MSB first), and stuffs any trailing non-valid bit positions with 0
to fill out its 20-bit time slot.
See section 6.5.25; page 51 for slot configurations and register settings.
5.1.2.8.
Slot 8: PCM Right Record Channel
Audio input frame slot 8 is the right channel output of STAC9750/9751 input MUX, post-ADC.
STAC9750/9751 ADCs are implemented to support 18-bit resolution.
STAC9750/9751 outputs its ADC data (MSB first), and stuffs any trailing non-valid bit positions with
0's to fill out its 20-bit time slot.
See section 6.5.25; page 51 for slot configurations and register settings.
5.1.2.9.
Slot 9: PCM Right Record Channel
Audio input frame slot 9 is the right channel output of STAC9750/9751 input MUX, post-ADC.
STAC9750/9751 ADCs are implemented to support 18-bit resolution.
STAC9750/9751 outputs its ADC data (MSB first), and stuffs any trailing non-valid bit positions with 0
to fill out its 20-bit time slot.
See section 6.5.25; page 51 for slot configurations and register settings.
5.1.2.10.
Slot 10: PCM Left Record Channel
Audio input frame slot 10 is the left channel output of STAC9750/9751 input MUX, post-ADC.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com