Electronic Components Datasheet Search
  English  ▼

X  

STAC9750 Datasheet(PDF) 45 Page - Integrated Device Technology

Part # STAC9750
Description  VALUE-LINE TWO-CHANNEL AC??7 CODECS
PDF  73 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

STAC9750 Datasheet(HTML) 45 Page - Integrated Device Technology

Back Button STAC9750 Datasheet HTML 41Page - Integrated Device Technology STAC9750 Datasheet HTML 42Page - Integrated Device Technology STAC9750 Datasheet HTML 43Page - Integrated Device Technology STAC9750 Datasheet HTML 44Page - Integrated Device Technology STAC9750 Datasheet HTML 45Page - Integrated Device Technology STAC9750 Datasheet HTML 46Page - Integrated Device Technology STAC9750 Datasheet HTML 47Page - Integrated Device Technology STAC9750 Datasheet HTML 48Page - Integrated Device Technology STAC9750 Datasheet HTML 49Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 73 page
background image
STAC9750/9751
VALUE-LINE TWO-CHANNEL AC’97 CODECS
PC AUDIO
IDT™
45
STAC9750/9751
V 5.8 103106
VALUE-LINE TWO-CHANNEL AC’97 CODECS
6.5.12.4.
SPSA1, SPSA0 (SPDIF Slot Assignment)
SPSA1 and SPSA0 combine to provide the slot assignments for the SPDIF data. The following
details the slot assignment relationship between SPSA1 and SPSA0.
The STAC9750/9751 are AMAP compliant with the following table.
6.5.13.
PCM DAC Rate Registers (2Ch and 32h)
The internal sample rate for the DACs and ADCs are controlled by the value in these read/write reg-
isters that contain a 16-bit unsigned value between 0 and 65535 representing the conversion rate in
Hertz (Hz). In VRA mode (register 2Ah bit D0 = 1), if the value written to these registers is supported,
that value will be echoed back when read, otherwise the closest (higher in the case of a tie) sample
rate is supported and returned. Per PC 99 / PC 2001 specification, independent sample rates are
supported for record and playback. Whenever VRA is set to 0, the PCM rate registers (2Ch and 32h)
will read back with BB80h (48 KHz).
Table 25. Slot assignment relationship between SPSA1 and SPSA0
SPSA[1,0]
Slot Assignment
Comments
00
3 & 4
SPDIF source data slot assignment
01
7 & 8
2-channel CODEC primary default
10
6 & 9
4-channel CODEC primary default
11
10 & 11
6-channel CODEC primary default
Table 26. STAC9750/9751 AMAP compliant
CODEC
ID
Function
SPSA = 00
SPSA = 01
SPSA = 10
SPSA = 11
00
2-channel Primary w/SPDIF
3 & 4
7 & 8*
6 & 9
10 & 11
01
2-channel Dock CODEC w/SPDIF
3 & 4
7 & 8
6 & 9*
10 & 11
10
+2-channel Surr w/ SPDIF
3 & 4
7 & 8
6 & 9*
10 & 11
11
+2-channel Cntr/LFE w/ SPDIF
3 & 4
7 & 8
6 & 9
10 & 11*
Note: * is the default slot assignment
Table 27. Hardware Supported Sample Rates
Sample Rate
SR15-SR0 Value
8 KHz
1F40h
11.025 KHz
2B11h
16 KHz
3E80h
22.05 KHz
5622h
32 KHz
7D00h
44.1 KHz
AC44h
48 KHz
BB80h



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com