Electronic Components Datasheet Search
  English  ▼

X  

STAC9750 Datasheet(PDF) 35 Page - Integrated Device Technology

Part # STAC9750
Description  VALUE-LINE TWO-CHANNEL AC??7 CODECS
PDF  73 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

STAC9750 Datasheet(HTML) 35 Page - Integrated Device Technology

Back Button STAC9750 Datasheet HTML 31Page - Integrated Device Technology STAC9750 Datasheet HTML 32Page - Integrated Device Technology STAC9750 Datasheet HTML 33Page - Integrated Device Technology STAC9750 Datasheet HTML 34Page - Integrated Device Technology STAC9750 Datasheet HTML 35Page - Integrated Device Technology STAC9750 Datasheet HTML 36Page - Integrated Device Technology STAC9750 Datasheet HTML 37Page - Integrated Device Technology STAC9750 Datasheet HTML 38Page - Integrated Device Technology STAC9750 Datasheet HTML 39Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 73 page
background image
STAC9750/9751
VALUE-LINE TWO-CHANNEL AC’97 CODECS
PC AUDIO
IDT™
35
STAC9750/9751
V 5.8 103106
VALUE-LINE TWO-CHANNEL AC’97 CODECS
6.5.1.
Reset (00h)
Default: 6990h
Writing any value to this register performs a register reset, which causes all registers to revert to
their default values. Reading this register returns the ID code of the part.
6.5.2.
Play Master Volume Registers (Index 02h, 04h, and 06h)
These registers manage the output signal volumes. Register 02h controls the stereo LINE_OUT
master volume (both right and left channels), register 04h controls the Headphone Out master vol-
ume, and register 06h controls the MONO volume output. Each step corresponds to 1.5 dB. The
MSB of the register is the mute bit. When this bit is set to 1 the level for that channel is set at -
∞ dB.
ML5 through ML0 is for left channel level, MR5 through MR0 is for the right channel and MM5
through MM0 is for the mono out channel. When bits D5 and D13 are set in any of these registers it
automatically writes all 1 to the next lower 5-bits.
The default value is 8000h for registers 02h, 04h, and 06h, which corresponds to 0 dB attenuation
with mute on.
6.5.2.1.
Master Volume (02h)
Default: 8000h
Note: If optional bits D13 & D5 of register 02h are set to 1, then the corresponding attenuation is set to
46.5dB and the register reads will produce 1Fh as a value for this attenuation/gain block.
6.5.2.2.
Headphone Out Volume (04h)
Default: 8000h
D15
D14
D13
D12
D11
D10
D9
D8
RSRVD4
SE4
SE3
SE2
SE1
SE0
ID9
ID8
D7
D6
D5
D4
D3
D2
D1
D0
ID7
ID6
ID5
ID4
ID3
ID2
ID1
ID0
Table 16. Play Master Volume Register
Mute
Mx5…Mx0
Function
Range
0
00 0000
0dB Attenuation
Req.
0
01 1111
46.5 Attenuation
Req.
1
xx xxxx
∞ dB Attenuation
Req.
D15
D14
D13
D12
D11
D10
D9
D8
Mute
RSRVD
ML5
ML4
ML3
ML2
ML1
ML0
D7
D6
D5
D4
D3
D2
D1
D0
Reserved
MR5
MR4
MR3
MR2
MR1
MR0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com