Electronic Components Datasheet Search
  English  ▼

X  

STAC9750 Datasheet(PDF) 52 Page - Integrated Device Technology

Part # STAC9750
Description  VALUE-LINE TWO-CHANNEL AC??7 CODECS
PDF  73 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

STAC9750 Datasheet(HTML) 52 Page - Integrated Device Technology

Back Button STAC9750 Datasheet HTML 48Page - Integrated Device Technology STAC9750 Datasheet HTML 49Page - Integrated Device Technology STAC9750 Datasheet HTML 50Page - Integrated Device Technology STAC9750 Datasheet HTML 51Page - Integrated Device Technology STAC9750 Datasheet HTML 52Page - Integrated Device Technology STAC9750 Datasheet HTML 53Page - Integrated Device Technology STAC9750 Datasheet HTML 54Page - Integrated Device Technology STAC9750 Datasheet HTML 55Page - Integrated Device Technology STAC9750 Datasheet HTML 56Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 52 / 73 page
background image
STAC9750/9751
VALUE-LINE TWO-CHANNEL AC’97 CODECS
PC AUDIO
IDT™
52
STAC9750/9751
V 5.8 103106
VALUE-LINE TWO-CHANNEL AC’97 CODECS
6.5.25.2.
ADC Data on AC LINK
Bits D5-D4 select slots for ADC data on ACLINK.
6.5.25.3.
MuteFix Disable
Bit D6 controls the enable and disable of the MuteFix functions.
•
0 = MUTE FIX Enabled
•1 = MUTE FIX Disabled
When this bit is zero, and either channel is set to -46.5dB attenuation (1Fh), then that channel is fully
muted. When this bit is one, then operation is per AC’97 specification.
This bit is reserved in revisions prior to CC1.
6.5.25.4.
Mic Boost Select
The Mic boost value can be selected with bit D2, which in enabled by Register 0Eh, bit D6. Writing a
zero to bit D2 will provide 20dB of Mic Boost. Writing a one will provide 30dB of Mic Boost.
6.5.25.5.
Supply Override Select
The Supply Override bit, D1, allows override of the supply detect. Writing a zero disables the over-
ride on supply detect. Writing a one, overrides supply detect with bit D0. Bit D0 provides the supply
override value. A zero forces 3.3 V analog operation and one forces 5 V analog operation.
Table 36. ADC data on AC LINK
Value
Function
00
left slot 3, right slot 4
01
left slot 7, right slot 8
10
left slot 6, right slot 9
11
left slot 10, right slot 11
Table 37. Mic Boost Select
Value
Function
0
20dB
1
30dB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com