Electronic Components Datasheet Search
  English  ▼

X  

STAC9750 Datasheet(PDF) 7 Page - Integrated Device Technology

Part # STAC9750
Description  VALUE-LINE TWO-CHANNEL AC??7 CODECS
PDF  73 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

STAC9750 Datasheet(HTML) 7 Page - Integrated Device Technology

Back Button STAC9750 Datasheet HTML 3Page - Integrated Device Technology STAC9750 Datasheet HTML 4Page - Integrated Device Technology STAC9750 Datasheet HTML 5Page - Integrated Device Technology STAC9750 Datasheet HTML 6Page - Integrated Device Technology STAC9750 Datasheet HTML 7Page - Integrated Device Technology STAC9750 Datasheet HTML 8Page - Integrated Device Technology STAC9750 Datasheet HTML 9Page - Integrated Device Technology STAC9750 Datasheet HTML 10Page - Integrated Device Technology STAC9750 Datasheet HTML 11Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 73 page
background image
STAC9750/9751
VALUE-LINE TWO-CHANNEL AC’97 CODECS
PC AUDIO
IDT™
7
STAC9750/9751
V 5.8 103106
VALUE-LINE TWO-CHANNEL AC’97 CODECS
1.4.
Key Specifications
•
Analog LINE_OUT SNR: 90 dB
•
Digital DAC SNR: 89 dB
•
Digital ADC SNR: 85 dB
•
Full-scale Total Harmonic Distortion: 0.005%
•
Crosstalk between Input Channels: -70 dB
•
Spurious Tone Rejection: 100 dB
1.5.
Related Materials
•Product Brief
•
Reference Designs for MB, AMR, CNR, and ACR applications
•
Audio Precision Performance Plots
1.6.
Additional Support
Additional product and company information can be obtained by going to the
IDT website at: www.IDT.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com