Electronic Components Datasheet Search
  English  ▼

X  

STAC9750 Datasheet(PDF) 3 Page - Integrated Device Technology

Part # STAC9750
Description  VALUE-LINE TWO-CHANNEL AC??7 CODECS
PDF  73 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

STAC9750 Datasheet(HTML) 3 Page - Integrated Device Technology

  STAC9750 Datasheet HTML 1Page - Integrated Device Technology STAC9750 Datasheet HTML 2Page - Integrated Device Technology STAC9750 Datasheet HTML 3Page - Integrated Device Technology STAC9750 Datasheet HTML 4Page - Integrated Device Technology STAC9750 Datasheet HTML 5Page - Integrated Device Technology STAC9750 Datasheet HTML 6Page - Integrated Device Technology STAC9750 Datasheet HTML 7Page - Integrated Device Technology STAC9750 Datasheet HTML 8Page - Integrated Device Technology STAC9750 Datasheet HTML 9Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 73 page
background image
STAC9750/9751
VALUE-LINE TWO-CHANNEL AC’97 CODECS
PC AUDIO
IDT™
3
STAC9750/9751
V 5.8 103106
VALUE-LINE TWO-CHANNEL AC’97 CODECS
LIST OF FIGURES
Figure 1. STAC9750/9751 Block Diagram ...................................................................................................... 6
Figure 2. Cold Reset Timing ......................................................................................................................... 15
Figure 3. Warm Reset Timing ....................................................................................................................... 15
Figure 4. Clocks Timing ................................................................................................................................ 16
Figure 5. Data Setup and Hold Timing ......................................................................................................... 17
Figure 6. Signal Rise and Fall Times Timing ................................................................................................ 17
Figure 7. AC-Link Low Power Mode Timing ................................................................................................. 18
Figure 8. ATE Test Mode Timing .................................................................................................................. 18
Figure 9. STAC9751 Typical Connection Diagram ....................................................................................... 19
Figure 10. AC-Link to its Companion Controller ........................................................................................... 20
Figure 11. AC'97 Standard Bi-directional Audio Frame ................................................................................ 22
Figure 12. AC-Link Audio Output Frame ...................................................................................................... 22
Figure 13. Start of an Audio Output Frame ................................................................................................... 23
Figure 14. STAC9750/9751 Audio Input Frame ........................................................................................... 26
Figure 15. Start of an Audio Input Frame ..................................................................................................... 26
Figure 16. STAC9750/9751 Powerdown Timing
......................................................................................... 29
Figure 17. STAC9750 2-Channel Mixer Functional Diagram
.................................................................. 31
Figure 18. STAC9751 2-Channel Mixer Functional Diagram ....................................................................... 32
Figure 19. Example of STAC9750/9751 Powerdown/Powerup Flow ........................................................... 56
Figure 20. STAC9750/9751 Powerdown/Powerup Flow With Analog Still Active ........................................ 57
Figure 21. STAC9750/9751 Pin Description Drawing ................................................................................... 61
Figure 22. Package Drawing - 48-pin LQFP .................................................................................................. 66
Figure 23. Reflow Profile .............................................................................................................................. 67
Figure 24. STAC9750/9751 Split Independent Power Supply Operation Typical Connection Diagram ....... 70



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com