Electronic Components Datasheet Search
  English  ▼

X  

STAC9750 Datasheet(PDF) 33 Page - Integrated Device Technology

Part # STAC9750
Description  VALUE-LINE TWO-CHANNEL AC??7 CODECS
PDF  73 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

STAC9750 Datasheet(HTML) 33 Page - Integrated Device Technology

Back Button STAC9750 Datasheet HTML 29Page - Integrated Device Technology STAC9750 Datasheet HTML 30Page - Integrated Device Technology STAC9750 Datasheet HTML 31Page - Integrated Device Technology STAC9750 Datasheet HTML 32Page - Integrated Device Technology STAC9750 Datasheet HTML 33Page - Integrated Device Technology STAC9750 Datasheet HTML 34Page - Integrated Device Technology STAC9750 Datasheet HTML 35Page - Integrated Device Technology STAC9750 Datasheet HTML 36Page - Integrated Device Technology STAC9750 Datasheet HTML 37Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 73 page
background image
STAC9750/9751
VALUE-LINE TWO-CHANNEL AC’97 CODECS
PC AUDIO
IDT™
33
STAC9750/9751
V 5.8 103106
VALUE-LINE TWO-CHANNEL AC’97 CODECS
6.1.
Analog Mixer Input
The mixer provides recording and playback of any audio sources or output mix of all sources. The
STAC9750/9751 supports the following input sources:
•
Any mono or stereo source
•
Mono or stereo mix of all sources
•
Two-channel input with mono output reference (microphone + stereo mix)
Note: All unused inputs should be tied together connected to ground through a capacitor (0.1
µF suggested).
6.2.
Analog Mixer Output
The mixer generates three distinct outputs:
•
A stereo mix of all sources for output to the LINE_OUT and HP_OUT
•
A stereo mix of all analog sources for recording
•
Microphone only or mono mix of all sources for MONO_OUT
Note: Mono output of stereo mix is attenuated by -6 dB.
6.3.
SPDIF Digital Mux
The STAC9750/9751 incorporates a digital output that supports SPDIF formats. A multiplexer deter-
mines which of two digital input streams are used for the digital output conversion process. These
two streams include the PCM OUT data from the audio controller and the ADC recorded output. The
normal analog LINE_OUT signal can be converted to the SPDIF formats by using the internal ADC
to record the “MIX” output, which is the combination of all analog and all digital sources. In the case
of digital controllers with support for 4 or more channels, the SPDIF output mode can be used to sup-
port compressed 6-channel output streams for delivery to home theater systems. These can be
routed on alternate AC-Link slots to the SPDIF output, while the standard 2-channel output is deliv-
ered as selected by bits D5 and D4 in Register 6E. If the digital controller supports 6 channels, a
SPDIF output with 4 analog channels can also be configured (in a multi-CODEC setup).
For more
information for SPDIF please see 6.5.12.2; page 44.
Pin 48: To Enable SPDIF, use an 1 K
Ω-10 KΩ external pulldown. To Disable SPDIF, use an
1K
Ω-10 KΩ external pullup. Do NOT leave Pin 48 floating.
6.4.
PC Beep Implementation
PC Beep is active on power up and defaults to an un-muted state. The PC_BEEP input is routed
directly to the MONO_OUT, LINE_OUT and HP_OUT pins of the CODEC. Because the PC_BEEP
input drive is often a full scale digital signal, some resistive attenuation of the PC_BEEP input is rec-
ommended to keep the beep tone within reasonable volume levels. The user should mute this input
before using any other mixer input because the PC Beep input can contribute noise to the lineout
during normal operation. This style of PC Beep is related to the AC’97 Specification Rev 2.2. To use
the analog PC Beep, a value of 00h to bits F[7:0](D[12:5]) disables the Digital PC Beep generation.
PV[3:0] (D[4:1]) controls the volume level from 0 to 45dB of attenuation in 3dB steps.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com