Electronic Components Datasheet Search
  English  ▼

X  

STAC9750 Datasheet(PDF) 49 Page - Integrated Device Technology

Part # STAC9750
Description  VALUE-LINE TWO-CHANNEL AC??7 CODECS
PDF  73 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

STAC9750 Datasheet(HTML) 49 Page - Integrated Device Technology

Back Button STAC9750 Datasheet HTML 45Page - Integrated Device Technology STAC9750 Datasheet HTML 46Page - Integrated Device Technology STAC9750 Datasheet HTML 47Page - Integrated Device Technology STAC9750 Datasheet HTML 48Page - Integrated Device Technology STAC9750 Datasheet HTML 49Page - Integrated Device Technology STAC9750 Datasheet HTML 50Page - Integrated Device Technology STAC9750 Datasheet HTML 51Page - Integrated Device Technology STAC9750 Datasheet HTML 52Page - Integrated Device Technology STAC9750 Datasheet HTML 53Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 73 page
background image
STAC9750/9751
VALUE-LINE TWO-CHANNEL AC’97 CODECS
PC AUDIO
IDT™
49
STAC9750/9751
V 5.8 103106
VALUE-LINE TWO-CHANNEL AC’97 CODECS
6.5.21.
GPIO Pin Mask Register (52h)
Default: 0000h
6.5.22.
GPIO Pin Status Register (54h)
Default: 0000h
D15
D14
D13
D12
D11
D10
D9
D8
Reserved
D7
D6
D5
D4
D3
D2
D1
D0
Reserved
GW1
(GPIO1)
GW0
(GPIO0)
Table 33. GPIO Pin Mask Register
Bit(s)
Access
Reset Value
Name
Description
15:2
Read Only
0
Reserved
Bit not used, should read back 0
1
Read / Write
0
GW1
0 = GPIO1 interrupt not passed to GPIO_INT slot 12.
1 = GPIO1 interrupt is passed to GPIO_INT slot 12.
0
Read / Write
0
GW0
0 = GPIO0 interrupt not passed to GPIO_INT slot 12.
1 = GPIO0 interrupt is passed to GPIO_INT slot 12.
D15
D14
D13
D12
D11
D10
D9
D8
Reserved
D7
D6
D5
D4
D3
D2
D1
D0
Reserved
GI1
(GPIO1)
GI0
(GPIO0)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com