Electronic Components Datasheet Search
  English  ▼

X  

STAC9750 Datasheet(PDF) 36 Page - Integrated Device Technology

Part # STAC9750
Description  VALUE-LINE TWO-CHANNEL AC??7 CODECS
PDF  73 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

STAC9750 Datasheet(HTML) 36 Page - Integrated Device Technology

Back Button STAC9750 Datasheet HTML 32Page - Integrated Device Technology STAC9750 Datasheet HTML 33Page - Integrated Device Technology STAC9750 Datasheet HTML 34Page - Integrated Device Technology STAC9750 Datasheet HTML 35Page - Integrated Device Technology STAC9750 Datasheet HTML 36Page - Integrated Device Technology STAC9750 Datasheet HTML 37Page - Integrated Device Technology STAC9750 Datasheet HTML 38Page - Integrated Device Technology STAC9750 Datasheet HTML 39Page - Integrated Device Technology STAC9750 Datasheet HTML 40Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 73 page
background image
STAC9750/9751
VALUE-LINE TWO-CHANNEL AC’97 CODECS
PC AUDIO
IDT™
36
STAC9750/9751
V 5.8 103106
VALUE-LINE TWO-CHANNEL AC’97 CODECS
Note: If optional bits D13 & D5 of register 04h are set to 1, then the corresponding attenuation is set to
46.5dB and the register reads will produce 1Fh as a value for this attenuation/gain block.
6.5.2.3.
Master Volume MONO (06h)
Default: 8000h
Note: If optional bit D5 of register 06h is set to 1, then the corresponding attenuation is set to 46.5dB and the
register reads will produce 1Fh as a value for this attenuation/gain block.
6.5.3.
PC Beep Mixer Volume (Index 0Ah)
Default: 0000h
Note: PC_BEEP defaults to 0000h, mute off.
This register controls the level for the PC Beep input. Each step corresponds to approximately 3dB
of attenuation. The MSB of the register is the mute bit.
When this bit is set to 1, the level for that
channel is set at -
∞dB. PC_BEEP supports motherboard implementations. The intention of routing
PC_BEEP through the STAC9750/9751 mixer is to eliminate the requirement for an onboard
speaker by guaranteeing a connection to speakers connected via the output jack. In order for this to
be viable, the PC_BEEP signal needs to reach the output jack at all times. NOTE: the PC_BEEP is
routed to the mono outputs when the STAC9750/9751 is in a RESET state. This is so that Power On
Self Test (POST) codes can be heard by the user in case of a hardware problem with the PC. For
further PC_BEEP implementation details please refer to the AC'97 Technical FAQ sheet. The default
value is 0000h, which corresponds to 0 dB attenuation with mute off.
D15
D14
D13
D12
D11
D10
D9
D8
Mute
RSRVD
HPL5
HPL4
HPL3
HPL2
HPL1
HPL0
D7
D6
D5
D4
D3
D2
D1
D0
Reserved
HPR5
HPR4
HPR3
HPR2
HPR1
HPR0
D15
D14
D13
D12
D11
D10
D9
D8
Mute
Reserved
D7
D6
D5
D4
D3
D2
D1
D0
Reserved
MM5
MM4
MM3
MM2
MM1
MM0
D15
D14
D13
D12
D11
D10
D9
D8
Mute
Reserved
D7
D6
D5
D4
D3
D2
D1
D0
Reserved
PV3
PV2
PV1
PV0
RSRVD
Table 17. PC_BEEP Register
Mute
PV3…PV0
Function
0
0000
0 dB Attenuation
0
1111
45 dB Attenuation
1xxxx
∞ dB Attenuation



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com