Electronic Components Datasheet Search
  English  ▼

X  

STAC9750 Datasheet(PDF) 55 Page - Integrated Device Technology

Part # STAC9750
Description  VALUE-LINE TWO-CHANNEL AC??7 CODECS
PDF  73 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

STAC9750 Datasheet(HTML) 55 Page - Integrated Device Technology

Back Button STAC9750 Datasheet HTML 51Page - Integrated Device Technology STAC9750 Datasheet HTML 52Page - Integrated Device Technology STAC9750 Datasheet HTML 53Page - Integrated Device Technology STAC9750 Datasheet HTML 54Page - Integrated Device Technology STAC9750 Datasheet HTML 55Page - Integrated Device Technology STAC9750 Datasheet HTML 56Page - Integrated Device Technology STAC9750 Datasheet HTML 57Page - Integrated Device Technology STAC9750 Datasheet HTML 58Page - Integrated Device Technology STAC9750 Datasheet HTML 59Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 55 / 73 page
background image
STAC9750/9751
VALUE-LINE TWO-CHANNEL AC’97 CODECS
PC AUDIO
IDT™
55
STAC9750/9751
V 5.8 103106
VALUE-LINE TWO-CHANNEL AC’97 CODECS
6.5.27.2.
ADC High Pass FIlter Bypass(78h)
Default: 0000h
6.5.28.
Vendor ID1 and ID2 (Index 7Ch and 7Eh)
These two registers contain four 8-bit ID codes. The first three codes have been assigned by
Microsoft using their Plug and Play Vendor ID methodology. The fourth code is an IDT assigned
code identifying the STAC9750/9751. The ID1 register (index 7Ch) contains the value 8384h, which
is the first (83h) and second (84h) characters of the Microsoft ID code. The ID2 register (index 7Eh)
contains the value 7650h, which is the third (76h) of the Microsoft ID code, and 50h which is the
STAC9750/9751 ID code.
Note: The lower half of the Vendor ID2 register (index 7Eh) currently contains the value xxh identifying the
STAC9750/9751. This value can be used by the audio driver, or miniport driver in the case of WIN98®,
to adjust software functionality to match the feature-set of the STAC9750/9751. This portion of the
register will likely contain different values if the software profile of the STAC9750/9751 changes, as in
the case of silicon level device modifications. This will allow the software driver to identify any required
operational differences between the existing STAC9750/9751 and any future versions.
6.5.28.1.
Vendor ID1 (7Ch)
Default: 8384h
6.5.28.2.
Vendor ID2 76xx (7Eh)
Default: 7650h
D15
D14
D13
D12
D11
D10
D9
D8
Reserved
D7
D6
D5
D4
D3
D2
D1
D0
Reserved
ADC HPF BYP
D15
D14
D13
D12
D11
D10
D9
D8
1
0
0
000
1
1
D7
D6
D5
D4
D3
D2
D1
D0
1
0
0
001
0
0
D15
D14
D13
D12
D11
D10
D9
D8
0
1
1
101
1
0
D7
D6
D5
D4
D3
D2
D1
D0
0
1
0
100
0
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com