Electronic Components Datasheet Search
  English  ▼

X  

STAC9750 Datasheet(PDF) 8 Page - Integrated Device Technology

Part # STAC9750
Description  VALUE-LINE TWO-CHANNEL AC??7 CODECS
PDF  73 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

STAC9750 Datasheet(HTML) 8 Page - Integrated Device Technology

Back Button STAC9750 Datasheet HTML 4Page - Integrated Device Technology STAC9750 Datasheet HTML 5Page - Integrated Device Technology STAC9750 Datasheet HTML 6Page - Integrated Device Technology STAC9750 Datasheet HTML 7Page - Integrated Device Technology STAC9750 Datasheet HTML 8Page - Integrated Device Technology STAC9750 Datasheet HTML 9Page - Integrated Device Technology STAC9750 Datasheet HTML 10Page - Integrated Device Technology STAC9750 Datasheet HTML 11Page - Integrated Device Technology STAC9750 Datasheet HTML 12Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 73 page
background image
STAC9750/9751
VALUE-LINE TWO-CHANNEL AC’97 CODECS
PC AUDIO
IDT™
8
STAC9750/9751
V 5.8 103106
VALUE-LINE TWO-CHANNEL AC’97 CODECS
2. CHARACTERISTICS/SPECIFICATIONS
2.1.
Electrical Specifications
2.1.1.
Absolute Maximum Ratings:
Stresses above the ratings listed below can cause permanent damage to the STAC9750/9751. These ratings,
which are standard values for IDT commercially rated parts, are stress ratings only. Functional operation of the
device at these or any other conditions above those indicated in the operational sections of the specifications is not
implied. Exposure to absolute maximum rating conditions for extended periods can affect product reliability.
Electrical parameters are guaranteed only over the recommended operating temperature range.
2.1.2.
Recommended Operation Conditions
Item
Pin
Maximum Rating
Maximum supply voltage
Vdd
5.5 Volts
Output current per pin
± 4 mA, except VREF_OUT = ± 5mA
Voltage on any pin relative to ground
Vss - 0.3 V to Vdd + 0.3 V
Operating temperature
0oC to +70oC
Storage temperature
-55 oC to +125 oC
Soldering temperature
260 oC for 10 seconds *
Soldering temperature information for all available packages
begins on page 67.
Parameter
Min.
Typ.
Max.
Units
Power Supply Voltage
Digital - 3.3 V
3.135
3.3
3.465
V
Analog - 5 V
4.75
5
5.25
V
Analog - 3.3 V
3.135
3.3
3.465
V
Ambient Operating Temperature
0
+70
°C
Case Temperature
Tcase (48-LQFP)
+90
°C
ESD: The STAC9750/9751 is an ESD (electrostatic discharge) sensitive device. The human body and
test equipment can accumulate and discharge electrostatic charges up to 4000 Volts without detection.
Even though the STAC9750/9751 implements internal ESD protection circuitry, proper ESD precautions
should be followed to avoid damaging the functionality or performance.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com