Electronic Components Datasheet Search
  English  ▼

X  

PM5352 Datasheet(PDF) 23 Page - PMC-Sierra, Inc

Part # PM5352
Description  SATURN USER NETWORK INTERFACE 155 (STAR)
PDF  77 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

PM5352 Datasheet(HTML) 23 Page - PMC-Sierra, Inc

Back Button PM5352 Datasheet HTML 19Page - PMC-Sierra, Inc PM5352 Datasheet HTML 20Page - PMC-Sierra, Inc PM5352 Datasheet HTML 21Page - PMC-Sierra, Inc PM5352 Datasheet HTML 22Page - PMC-Sierra, Inc PM5352 Datasheet HTML 23Page - PMC-Sierra, Inc PM5352 Datasheet HTML 24Page - PMC-Sierra, Inc PM5352 Datasheet HTML 25Page - PMC-Sierra, Inc PM5352 Datasheet HTML 26Page - PMC-Sierra, Inc PM5352 Datasheet HTML 27Page - PMC-Sierra, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 77 page
background image
PM5352 S/UNI STAR
DATA SHEET
PMC-1990421
ISSUE 2
SATURN USER NETWORK INTERFACE 155 (STAR)
PROPRIETARY AND CONFIDENTIAL TO PMC-SIERRA, INC., AND FOR ITS CUSTOMERS’ INTERNAL USE
19
Pin Name
Type
Pin
No.
Function
TCA
Output
(ATM)
J23
UTOPIA Transmit multi-PHY Cell Available (TCA)
The TCA signal indicates when a cell is available in
the transmit FIFO for the port polled by TADR[2:0]
when TENB is asserted. When high, TCA indicates
that the transmit FIFO is not full and a complete cell
may be written. When TCA goes low, it can be
configured to indicate either that the transmit FIFO
is near full or that the transmit FIFO is full. TCA will
transition low on the rising edge of TFCLK after the
Payload word 19 (TCALEVEL0=0) or 23
(TCALEVEL0=1) is sampled if the PHY being polled
is the same as the PHY in use. To reduce FIFO
latency, the FIFO depth at which TCA indicates
"full" can be set to one, two, three or four cells.
Note that regardless of what fill level TCA is set to
indicate "full" at, the transmit cell processor can
store 4 complete cells.
TCA is tri-stated when either the null-PHY address
(0x7) or an address not matching the address set
by PHY_ADR[2:0] is latched from the TADR[2:0]
inputs when TENB is high.
TCA is updated on the rising edge of TFCLK.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com