Electronic Components Datasheet Search
  English  ▼

X  

PM5352 Datasheet(PDF) 51 Page - PMC-Sierra, Inc

Part # PM5352
Description  SATURN USER NETWORK INTERFACE 155 (STAR)
PDF  77 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

PM5352 Datasheet(HTML) 51 Page - PMC-Sierra, Inc

Back Button PM5352 Datasheet HTML 47Page - PMC-Sierra, Inc PM5352 Datasheet HTML 48Page - PMC-Sierra, Inc PM5352 Datasheet HTML 49Page - PMC-Sierra, Inc PM5352 Datasheet HTML 50Page - PMC-Sierra, Inc PM5352 Datasheet HTML 51Page - PMC-Sierra, Inc PM5352 Datasheet HTML 52Page - PMC-Sierra, Inc PM5352 Datasheet HTML 53Page - PMC-Sierra, Inc PM5352 Datasheet HTML 54Page - PMC-Sierra, Inc PM5352 Datasheet HTML 55Page - PMC-Sierra, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 51 / 77 page
background image
PM5352 S/UNI STAR
DATA SHEET
PMC-1990421
ISSUE 2
SATURN USER NETWORK INTERFACE 155 (STAR)
PROPRIETARY AND CONFIDENTIAL TO PMC-SIERRA, INC., AND FOR ITS CUSTOMERS’ INTERNAL USE
47
REG
#
Address
A[10:0]
Description
40
340
TPOP Control/Diagnostic
41
341
TPOP Pointer Control
42
342
Reserved
43
343
TPOP Current Pointer LSB
44
344
TPOP Current Pointer MSB
45
345
TPOP Arbitrary Pointer LSB
46
346
TPOP Arbitrary Pointer MSB
47
347
TPOP Path Trace
48
348
TPOP Path Signal Label
49
349
TPOP Path Status
4A
34A
Reserved
4B
34B
Reserved
4C
34C
Reserved
4D
34D
Reserved
4E
34E
Reserved
4F
34F
Reserved
50
350
SPTB Control
51
351
SPTB Status
52
352
SPTB Indirect Address
53
353
SPTB Indirect Data
54
354
SPTB Expected Path Signal Label
55
355
SPTB Path Signal Label Status
56
356
SPTB Reserved
57
357
SPTB Reserved
58
358
Reserved
59
359
Reserved
5A
35A
Reserved
5B
35B
Reserved
5C
35C
Reserved
5D
35D
Reserved
5E
35E
Reserved
5F
35F
Reserved
60
360
RXCP Configuration 1
61
361
RXCP Configuration 2
62
362
RXCP FIFO/UTOPIA Control & Config
63
363
RXCP Interrupt Enables and Counter Status
64
364
RXCP Status/Interrupt Status
65
365
RXCP LCD Count Threshold (MSB)
66
366
RXCP LCD Count Threshold (LSB)
67
367
RXCP Idle Cell Header Pattern
68
368
RXCP Idle Cell Header Mask



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com