Electronic Components Datasheet Search
  English  ▼

X  

PM5352 Datasheet(PDF) 25 Page - PMC-Sierra, Inc

Part # PM5352
Description  SATURN USER NETWORK INTERFACE 155 (STAR)
PDF  77 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

PM5352 Datasheet(HTML) 25 Page - PMC-Sierra, Inc

Back Button PM5352 Datasheet HTML 21Page - PMC-Sierra, Inc PM5352 Datasheet HTML 22Page - PMC-Sierra, Inc PM5352 Datasheet HTML 23Page - PMC-Sierra, Inc PM5352 Datasheet HTML 24Page - PMC-Sierra, Inc PM5352 Datasheet HTML 25Page - PMC-Sierra, Inc PM5352 Datasheet HTML 26Page - PMC-Sierra, Inc PM5352 Datasheet HTML 27Page - PMC-Sierra, Inc PM5352 Datasheet HTML 28Page - PMC-Sierra, Inc PM5352 Datasheet HTML 29Page - PMC-Sierra, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 77 page
background image
PM5352 S/UNI STAR
DATA SHEET
PMC-1990421
ISSUE 2
SATURN USER NETWORK INTERFACE 155 (STAR)
PROPRIETARY AND CONFIDENTIAL TO PMC-SIERRA, INC., AND FOR ITS CUSTOMERS’ INTERNAL USE
21
Pin Name
Type
Pin
No.
Function
STPA
Output
(POS)
B19
POS-PHY Selected multi-PHY Transmit Packet
Available (STPA) signal.
STPA transitions high when a predefined
(TPAHWM[7:0] register bits) minimum number of
bytes is available in the selected transmit FIFO (the
FIFO that data is written into). Once high, STPA
indicates that the transmit FIFO is not full. When
STPA transitions low, it optionally indicates that the
transmit FIFO is full or near full (TPALWM[7:0]
register bits). STPA always provide status
indication for the selected PHY in order to avoid
FIFO overflows while polling is performed.
The PHY Layer device shall tristate STPA when
TENB is deasserted. STPA shall also be tristated
when either the null-PHY address (0x7H) or an
address not matching the address set by
PHY_ADR[2:0] is presented on the TADR[2:0]
signals when TENB is sampled high (deasserted
during the previous clock cycle).
STPA is only available in POS-PHY packet-level
transfer mode, as selected by the POS_PLVL
register bit. STPA is tristated in byte-level transfer
mode. STPA is updated on the rising edge of
TFCLK.
TFCLK
Input
(ATM)
K20
UTOPIA Transmit FIFO Write Clock (TFCLK).
This signal is used to write ATM cells to the four cell
transmit FIFOs.
TFCLK cycles at a 50 MHz or lower instantaneous
rate.
TFCLK
Input
(POS)
K20
POS-PHY Transmit FIFO Write Clock (TFCLK).
This signal is used to write packet octets into the
256 bytes packet FIFO’s.
TFCLK cycles at a 50 MHz or lower instantaneous
rate.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com