Electronic Components Datasheet Search
  English  ▼

X  

PM5352 Datasheet(PDF) 53 Page - PMC-Sierra, Inc

Part # PM5352
Description  SATURN USER NETWORK INTERFACE 155 (STAR)
PDF  77 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

PM5352 Datasheet(HTML) 53 Page - PMC-Sierra, Inc

Back Button PM5352 Datasheet HTML 49Page - PMC-Sierra, Inc PM5352 Datasheet HTML 50Page - PMC-Sierra, Inc PM5352 Datasheet HTML 51Page - PMC-Sierra, Inc PM5352 Datasheet HTML 52Page - PMC-Sierra, Inc PM5352 Datasheet HTML 53Page - PMC-Sierra, Inc PM5352 Datasheet HTML 54Page - PMC-Sierra, Inc PM5352 Datasheet HTML 55Page - PMC-Sierra, Inc PM5352 Datasheet HTML 56Page - PMC-Sierra, Inc PM5352 Datasheet HTML 57Page - PMC-Sierra, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 53 / 77 page
background image
PM5352 S/UNI STAR
DATA SHEET
PMC-1990421
ISSUE 2
SATURN USER NETWORK INTERFACE 155 (STAR)
PROPRIETARY AND CONFIDENTIAL TO PMC-SIERRA, INC., AND FOR ITS CUSTOMERS’ INTERNAL USE
49
REG
#
Address
A[10:0]
Description
92
392
S/UNI-STAR Channel Auto Enhanced Path RDI
Control
93
393
S/UNI-STAR Channel Receive RDI and Enhanced
RDI Control Extensions
94
394
S/UNI-STAR Channel Receive Line AIS Control
95
395
S/UNI-STAR Channel Receive Path AIS Control
96
396
S/UNI-STAR Channel Receive Alarm Control #1
97
397
S/UNI-STAR Channel Receive Alarm Control #2
98
398
Reserved
99
399
Reserved
9A
39A
Reserved
9B
39B
Reserved
9C
39C
Reserved
9D
39D
Reserved
9E
39E
Reserved
9F
39F
Reserved
A0
3A0
RXFP-50 Configuration
A1
3A1
RXFP-50 Configuration/Interrupt Enables
A2
3A2
RXFP-50 Interrupt Status
A3
3A3
RXFP-50 Minimum Packet Size
A4
3A4
RXFP-50 Maximum Packet Size (LSB)
A5
3A5
RXFP-50 Maximum Packet Size (MSB)
A6
3A6
RXFP-50 Receive Initiation Level
A7
3A7
RXFP-50 Receive Packet Available High Mark
A8
3A8
RXFP-50 Receive Byte Counter (LSB)
A9
3A9
RXFP-50 Receive Byte Counter
AA
3AA
RXFP-50 Receive Byte Counter
AB
3AB
RXFP-50 Receive Byte Counter (MSB)
AC
3AC
RXFP-50 Receive Frame Counter (LSB)
AD
3AD
RXFP-50 Receive Frame Counter
AE
3AE
RXFP-50 Receive Frame Counter (MSB)
AF
3AF
RXFP-50 Aborted Frame Count (LSB)
B0
3B0
RXFP-50 Aborted Frame Count (MSB)
B1
3B1
RXFP-50 FCS Error Frame Count (LSB)
B2
3B2
RXFP-50 FCS Error Frame Count (LSB)
B3
3B3
RXFP-50 Min Length Frame Count (LSB)
B4
3B4
RXFP-50 Min Length Frame Count (MSB)
B5
3B5
RXFP-50 Max Length Frame Count (LSB)
B6
3B6
RXFP-50 Max Length Frame Count (MSB)
B7
3B7
Reserved
B8
3B8
Reserved



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com