Electronic Components Datasheet Search
  English  ▼

X  

PM5352 Datasheet(PDF) 14 Page - PMC-Sierra, Inc

Part # PM5352
Description  SATURN USER NETWORK INTERFACE 155 (STAR)
PDF  77 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

PM5352 Datasheet(HTML) 14 Page - PMC-Sierra, Inc

Back Button PM5352 Datasheet HTML 10Page - PMC-Sierra, Inc PM5352 Datasheet HTML 11Page - PMC-Sierra, Inc PM5352 Datasheet HTML 12Page - PMC-Sierra, Inc PM5352 Datasheet HTML 13Page - PMC-Sierra, Inc PM5352 Datasheet HTML 14Page - PMC-Sierra, Inc PM5352 Datasheet HTML 15Page - PMC-Sierra, Inc PM5352 Datasheet HTML 16Page - PMC-Sierra, Inc PM5352 Datasheet HTML 17Page - PMC-Sierra, Inc PM5352 Datasheet HTML 18Page - PMC-Sierra, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 77 page
background image
PM5352 S/UNI STAR
DATA SHEET
PMC-1990421
ISSUE 2
SATURN USER NETWORK INTERFACE 155 (STAR)
PROPRIETARY AND CONFIDENTIAL TO PMC-SIERRA, INC., AND FOR ITS CUSTOMERS’ INTERNAL USE
10
5
PIN DIAGRAM
The S/UNI-STAR is available in a 304 pin SBGA package having a body
size of 31 mm by 31 mm and a ball pitch of 1.27 mm.
23
22
21
20
19
18
17
16
15
14
13
12
11
10
987654321
A
VDD
VSS
TDAT[12]
TDAT[15] PHY_OEN
VSS
D[2]
VSS
A[0]
A[3]
A[7]
VSS
A[10]
WRB
TDO
VSS
N/C
VSS
N/C
RAVD1_B RAVS1_B
VSS
VDD
B
VSS
VDD
VSS
TDAT[13]
STPA
N/C
D[1]
D[4]
D[6]
A[2]
A[6]
A[9]
CSB
RSTB
TMS
TCK
N/C
N/C
QAVS_2
N/C
VSS
VDD
VSS
C
TDAT[7]
VSS
VDD
TDAT[10]
TDAT[14]
TEOP
BIAS
D[3]
D[5]
A[1]
A[5]
A[8]
ALE
INTB
TRSTB
N/C
N/C
QAVD_2
N/C
RAVD1_C
VDD
VSS
N/C
D
TDAT[4]
TDAT[6]
TDAT[9]
VDD
TDAT[11]
VDD
TERR
D[0]
VDD
D[7]
A[4]
VDD
RDB
TDI
VDD
N/C
N/C
VDD
RAVS1_C
VDD
N/C
N/C
VSS
E
TDAT[0]
TDAT[3]
TDAT[5]
TDAT[8]
N/C
VSS
VSS
N/C
F
VSS
TMOD
TDAT[2]
VDD
VDD
RAVS1_A
N/C
VSS
G
VDD
TADR[0]
TADR[2]
TDAT[1]
RAVD1_A
N/C
VSS
VSS
H
VSS
TPRTY
VDD
TADR[1]
N/C
RAVS2_A RAVD2_A
VSS
J
TCA / PTPA
TENB
TSOC /
TSOP
VDD
VDD
VSS
N/C
RAVD2_C
K
N/C
DTCA /
DTPA
BIAS
TFCLK
BOTTOM VIEW
RAVS2_C RAVS2_B
N/C
N/C
L
REOP
RERR
N/C
N/C
RAVD2_B TAVD1_A TAVS1_A TAVD1_B
M
VSS
RVAL
DRCA /
DRPA
VDD
VDD
TAVS1_B RAVD3_B
VSS
N
N/C
N/C
N/C
RCA /
PRPA
RAVD3_C RAVS3_B
N/C
N/C
P
RSOC /
RSOP
RENB
RFCLK
RADR[1]
ATB2
ATB1
ATB0
RAVS3_C
R
RADR[2]
RADR[0]
VDD
VDD
VDD
N/C
N/C
ATB3
T
VSS
VDD
RPRTY
RDAT[13]
RAVS3_A
N/C
N/C
VSS
U
RDAT[15]
RDAT[14] RDAT[12]
RDAT[9]
TXCP
VSS
RAVD3_A
N/C
V
VSS
RDAT[11]
RDAT[8]
VDD
VDD
TXCN
VSS
VSS
W
RDAT[10]
RDAT[7]
RDAT[5]
RDAT[2]
RAVS4_A
SD
TXDP
VSS
Y
RDAT[6]
RDAT[4]
RDAT[1]
VDD
RMOD
VDD
N/C
N/C
VDD
N/C
N/C
VDD
N/C
N/C
VDD
VSS
TFPI
VDD
RAVS4_C
VDD
RAVD4_A
RX-
TXDN
AA
RDAT[3]
VSS
VDD
RDAT[0]
N/C
N/C
N/C
RLD
N/C
N/C
N/C
N/C
TLDCLK
TSDCLK
TLD
VSS
VSS
QAVD_1
C-
RAVD4_C
VDD
VSS
RX+
AB
VSS
VDD
VSS
N/C
RLDCLK
RSD
N/C
N/C
RALRM
RCLK
RFPO
N/C
TFPO
N/C
N/C
VSS
TSD
VSS
QAVS_1
C+
VSS
VDD
VSS
AC
VDD
VSS
RSDCLK
N/C
N/C
VSS
N/C
VSS
N/C
N/C
N/C
VSS
TCLK
N/C
N/C
VSS
VSS
VSS
REFCLK
RAVD4_B RAVS4_B
VSS
VDD



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com