Electronic Components Datasheet Search
  English  ▼

X  

PM5352 Datasheet(PDF) 36 Page - PMC-Sierra, Inc

Part # PM5352
Description  SATURN USER NETWORK INTERFACE 155 (STAR)
PDF  77 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

PM5352 Datasheet(HTML) 36 Page - PMC-Sierra, Inc

Back Button PM5352 Datasheet HTML 32Page - PMC-Sierra, Inc PM5352 Datasheet HTML 33Page - PMC-Sierra, Inc PM5352 Datasheet HTML 34Page - PMC-Sierra, Inc PM5352 Datasheet HTML 35Page - PMC-Sierra, Inc PM5352 Datasheet HTML 36Page - PMC-Sierra, Inc PM5352 Datasheet HTML 37Page - PMC-Sierra, Inc PM5352 Datasheet HTML 38Page - PMC-Sierra, Inc PM5352 Datasheet HTML 39Page - PMC-Sierra, Inc PM5352 Datasheet HTML 40Page - PMC-Sierra, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 77 page
background image
PM5352 S/UNI STAR
DATA SHEET
PMC-1990421
ISSUE 2
SATURN USER NETWORK INTERFACE 155 (STAR)
PROPRIETARY AND CONFIDENTIAL TO PMC-SIERRA, INC., AND FOR ITS CUSTOMERS’ INTERNAL USE
32
Pin Name
Type
Pin
No.
Function
DRCA
Output
(ATM)
M21
UTOPIA Direct Receive Cell Available (DRCA).
These output signals provides direct status
indication of when a cell is available in the receive
FIFO for the corresponding port. DRCA can be
configured to be de-asserted when either zero or
four bytes remain in the selected/addressed FIFO.
DRCA will thus transition low on the rising edge of
RFCLK after Payload word 24 (RCALEVEL0=1) or
19 (RCALEVEL0=0) is output if the PHY being
polled is the same as the PHY in use.
DRCA[x] is updated on the rising edge of RFCLK.
DRPA
Output
(POS)
M21
POS-PHY Direct Receive Packet Available
DRPA provides a direct status indication. DRPA
indicates when data is available in the receive
FIFO. When DRPA is high, the receive FIFO has at
least one end of packet or a programmable
minimum number of bytes to be read. DRPA is
otherwise low. The polarity of DRPA can be inverted
with the RPAINV register bit.
DRPA is updated on the rising edge of RFCLK.
RMOD
Output
(POS)
Y19
POS-PHY Receive Modulo (RMOD).
The RMOD signal indicates the number of bytes
carried by the RDAT[15:0] bus during the last word
of a packet transfer. During a packet transfer every
word must be complete except the last word which
can be composed of 1 or 2 bytes. RMOD set high
indicate a single byte word (present on MSB’s,
LSB’s are discarded) while RMOD set low indicates
a two byte word. RMOD is only used in POS mode.
RMOD is tristated when RENB is deasserted.
RMOD is also tristated when either the null-PHY
address (0x7H) or an address not matching the
address space set by PHY_ADR[2:0] is latched
from the RADR[2:0] inputs when RENB is high.
RMOD is updated on the rising edge of RFCLK.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com