Electronic Components Datasheet Search
  English  ▼

X  

PM5352 Datasheet(PDF) 30 Page - PMC-Sierra, Inc

Part # PM5352
Description  SATURN USER NETWORK INTERFACE 155 (STAR)
PDF  77 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

PM5352 Datasheet(HTML) 30 Page - PMC-Sierra, Inc

Back Button PM5352 Datasheet HTML 26Page - PMC-Sierra, Inc PM5352 Datasheet HTML 27Page - PMC-Sierra, Inc PM5352 Datasheet HTML 28Page - PMC-Sierra, Inc PM5352 Datasheet HTML 29Page - PMC-Sierra, Inc PM5352 Datasheet HTML 30Page - PMC-Sierra, Inc PM5352 Datasheet HTML 31Page - PMC-Sierra, Inc PM5352 Datasheet HTML 32Page - PMC-Sierra, Inc PM5352 Datasheet HTML 33Page - PMC-Sierra, Inc PM5352 Datasheet HTML 34Page - PMC-Sierra, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 77 page
background image
PM5352 S/UNI STAR
DATA SHEET
PMC-1990421
ISSUE 2
SATURN USER NETWORK INTERFACE 155 (STAR)
PROPRIETARY AND CONFIDENTIAL TO PMC-SIERRA, INC., AND FOR ITS CUSTOMERS’ INTERNAL USE
26
Pin Name
Type
Pin
No.
Function
RPRTY
Output
(ATM)
T21
UTOPIA Receive Parity (RPRTY).
The receive parity (RPRTY) signal indicates the
parity of the RDAT bus. RPRTY reflects the parity
of RDAT[15:0]. Odd or even parity selection is
made by using the RXPTYP register bit (in ATM cell
processors, the four RXCP shall be programmed
with the same parity setting).RPRTY is tristated
when RENB is high. RPRTY is also tristated when
either the null-PHY address (0x7H) or an address
not matching the address space is latched from the
RADR[2:0] inputs when RENB is high.
RPRTY is updated on the rising edge of RFCLK.
RPRTY
Output
(POS)
T21
POS-PHY Receive Parity (RPRTY).
The receive parity (RPRTY) signal indicates the
parity of the RDAT bus. Odd or even parity
selection is made by using the RXPTYP register bit
(in POS Frame Processors; the four RXFP shall be
programmed with the same parity setting). RPRTY
is tristated when RENB is high. RPRTY is also
tristated when either the null-PHY address (0x7H)
or an address not matching the address space is
latched from the RADR[2:0] inputs.
RPRTY is updated on the rising edge of RFCLK.
RSOC
Output
(ATM)
P23
UTOPIA Receive Start of Cell (RSOC).
RSOC marks the start of cell on the RDAT bus.
RSOC is tristated when RENB is deasserted.
RSOC is also tristated when either the null-PHY
address (0x7H) or an address not matching the
address space is latched from the RADR[2:0] inputs
when RENB is high.
RSOC is sampled on the rising edge of RFCLK.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com