Electronic Components Datasheet Search
  English  ▼

X  

PM5352 Datasheet(PDF) 32 Page - PMC-Sierra, Inc

Part # PM5352
Description  SATURN USER NETWORK INTERFACE 155 (STAR)
PDF  77 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

PM5352 Datasheet(HTML) 32 Page - PMC-Sierra, Inc

Back Button PM5352 Datasheet HTML 28Page - PMC-Sierra, Inc PM5352 Datasheet HTML 29Page - PMC-Sierra, Inc PM5352 Datasheet HTML 30Page - PMC-Sierra, Inc PM5352 Datasheet HTML 31Page - PMC-Sierra, Inc PM5352 Datasheet HTML 32Page - PMC-Sierra, Inc PM5352 Datasheet HTML 33Page - PMC-Sierra, Inc PM5352 Datasheet HTML 34Page - PMC-Sierra, Inc PM5352 Datasheet HTML 35Page - PMC-Sierra, Inc PM5352 Datasheet HTML 36Page - PMC-Sierra, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 77 page
background image
PM5352 S/UNI STAR
DATA SHEET
PMC-1990421
ISSUE 2
SATURN USER NETWORK INTERFACE 155 (STAR)
PROPRIETARY AND CONFIDENTIAL TO PMC-SIERRA, INC., AND FOR ITS CUSTOMERS’ INTERNAL USE
28
Pin Name
Type
Pin
No.
Function
RENB
Input
(POS)
P22
POS-PHY Receive multi-PHY Read Enable
(RENB).
The S/UNI-STAR supports both byte-level and
packet-level transfer. Packet-level transfer operates
as described above, with a selection phase when
RENB is deasserted and a transfer phase when
RENB is asserted. While RENB is asserted,
RADR[2:0] is used for polling RPA. Byte level
transfer works on a cycle basis. When RENB is
asserted data is transferred from the selected PHY
and RADR[2:0] is used to select the PHY. Nothing
happens when RENB is deasserted. Polling is not
possible; packet availability is directly indicated by
DRPA.
During a data transfer, RVAL shall be monitored
since it will indicate if the data is valid. Once RVAL
is deasserted, RENB or RADR[2:0] must be used to
select a new PHY for data transfer.
RENB must operate in conjunction with RFCLK to
access the FIFO’s at a high enough rate to prevent
FIFO overflows. The system may de-assert RENB
at anytime it is unable to accept another byte.
RENB is sampled on the rising edge of RFCLK.
RADR[2]
RADR[1]
RADR[0]
Input
(ATM)
R23
P20
R22
Receive Address (RADR[2:0]). The RADR[2:0] bus
is used for device selection and device polling in
accordance with the Utopia Level 2 standard.
When RADR[2:0] is set to the same value as the
PHY_ADR[2:0] inputs than the receive interface of
this S/UNI-STAR is either being selected or polled.
Note that the null phy address 7H is an invalid
address and cannot be used to select the S/UNI-
STAR.
RADR[2:0] is sampled on the rising edge of TFCLK.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com