Electronic Components Datasheet Search
  English  ▼

X  

TDA4VM21 Datasheet(PDF) 320 Page - Texas Instruments

Part # TDA4VM21
Description  TDA4VM Processors
PDF  331 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TDA4VM21 Datasheet(HTML) 320 Page - Texas Instruments

Back Button TDA4VM21 Datasheet HTML 316Page - Texas Instruments TDA4VM21 Datasheet HTML 317Page - Texas Instruments TDA4VM21 Datasheet HTML 318Page - Texas Instruments TDA4VM21 Datasheet HTML 319Page - Texas Instruments TDA4VM21 Datasheet HTML 320Page - Texas Instruments TDA4VM21 Datasheet HTML 321Page - Texas Instruments TDA4VM21 Datasheet HTML 322Page - Texas Instruments TDA4VM21 Datasheet HTML 323Page - Texas Instruments TDA4VM21 Datasheet HTML 324Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 320 / 331 page
background image
CoreSight™ is a trademark of Arm Limited (or its subsidiaries) in the US and/or elsewhere.
Code Composer Studio™ and TI E2E™ are trademarks of Texas Instruments.
Arm® and Cortex® are registered trademarks of Arm Limited (or its subsidiaries) in the US and/or elsewhere.
PowerVR® is a registered trademark of Imagination Technologies Limited.
PCI-Express® is a registered trademark of PCI-SIG.
Secure Digital® is a registered trademark of SD Card Association.
MIPI® is a registered trademark of MIPI Alliance, Inc.
All trademarks are the property of their respective owners.
9.6 Electrostatic Discharge Caution
This integrated circuit can be damaged by ESD. Texas Instruments recommends that all integrated circuits be handled
with appropriate precautions. Failure to observe proper handling and installation procedures can cause damage.
ESD damage can range from subtle performance degradation to complete device failure. Precision integrated circuits may
be more susceptible to damage because very small parametric changes could cause the device not to meet its published
specifications.
9.7 Glossary
TI Glossary
This glossary lists and explains terms, acronyms, and definitions.
10 Revision History
Changes from August 28, 2021 to April 22, 2024 (from Revision J (August 2021) to Revision K
(April 2024))
Page
• Global:: Updated document title........................................................................................................................ 1
• Global:: Added Silicon Revision 2.0 (SR2.0) device-specific info throughout the document.............................1
• Global:: Moved the Revision History section to the back of the document........................................................1
• Global:: Deleted all OLDI/LVDS content; n/a to this device suite...................................................................... 1
• Global:: Deleted the "Power Consumption Summary" section (was after Section 6.5, Operating Performance
Points).................................................................................................................................................................1
• (Features): Updated/Changed the "Supports speeds up to 3733 MT/s" bullet from "3733" to "4266" MT/s...... 1
• (Features): Updated/Changed the Integrated Ethernet switch bullets and sub-bullets...................................... 1
• (Features): Updated/Changed the "32-bit data bus with inline ECC ..." sub-bullet under the EMIF module......1
• (Description): Updated the lead-in sentence...................................................................................................... 3
• (Package Information): Updated/Changed the "Device Information" table to "Package Information" table and
revamped table content to new format............................................................................................................... 3
• (Device Comparison): Added SDK software build sheet Note........................................................................... 4
• (Device Comparison): Updated/Changed the MSMC capacity for TDA4VM67 and TDA4VM21 devices to
"8MB". Now all devices: TDA4VM88, TDA4VM67, and TDA4VM21 are "8MB (On-Chip SRAM with ECC)".... 7
• (Device Comparison): Added SDK software build sheet Note........................................................................... 7
• (Pin Attributes): Added the secondary pin multiplexing functions for the DSI and controlled by CTRLMMR
regs...................................................................................................................................................................12
• (Pin Attributes): Added the secondary pin multiplexing functions for the MCU_ADC and controlled by
CTRLMMR regs................................................................................................................................................12
• (Pin Attributes): Added "The MUXMODE field is not used to select …" footnote for the WKUP_GPIO0_[68:83]
signals in the Pin Attributes table..................................................................................................................... 12
• (Pin Attributes): Added reset states to the BALL RESET STATE column for mmc0_* pins in the Pin Attributes
table.................................................................................................................................................................. 12
• (WKUP Domain GPIO0 Signal Descriptions): Added missing WKUP_GPIO0_[68:83] signals........................85
• (Power Supply Signal Description): Added "±10%" to the "This pin must always be … capacitor to
VSS" footnote................................................................................................................................................. 131
• (Connections for Unused Pins): Added the "VMON_ER_VSYS" (M26) and "VMON_IR_VEXT" (V19) signals
to the "Each of these balls must be connected to VSS .." CONNECTIONS REQUIREMENT.......................150
TDA4VM-Q1, TDA4VM
SPRSP36K – SEPTEMBER 2021 – REVISED APRIL 2024
www.ti.com
320
Submit Document Feedback
Copyright © 2024 Texas Instruments Incorporated
Product Folder Links: TDA4VM-Q1 TDA4VM



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com