Electronic Components Datasheet Search
  English  ▼

X  

TDA4VM21 Datasheet(PDF) 321 Page - Texas Instruments

Part # TDA4VM21
Description  TDA4VM Processors
PDF  331 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TDA4VM21 Datasheet(HTML) 321 Page - Texas Instruments

Back Button TDA4VM21 Datasheet HTML 317Page - Texas Instruments TDA4VM21 Datasheet HTML 318Page - Texas Instruments TDA4VM21 Datasheet HTML 319Page - Texas Instruments TDA4VM21 Datasheet HTML 320Page - Texas Instruments TDA4VM21 Datasheet HTML 321Page - Texas Instruments TDA4VM21 Datasheet HTML 322Page - Texas Instruments TDA4VM21 Datasheet HTML 323Page - Texas Instruments TDA4VM21 Datasheet HTML 324Page - Texas Instruments TDA4VM21 Datasheet HTML 325Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 321 / 331 page
background image
• (Connections for Unused Pins): Updated/Changed "All VMON and power balls must be …" Note deleting
"VMON and"................................................................................................................................................... 150
• (Pin Connectivity Requirements): Updated/Changed the section title (was "Connections for Unused Pins") 150
• (Connectivity Requirements (ALF Package)): Updated/Changed the table title (was "Unused Balls Specific
Connection Requirements")............................................................................................................................150
• (Pin Connectivity Requirements): Added "as a boot source" to the Note specifying MMC1_SDCD and
MMC2_SDCD should be pulled down to work properly................................................................................. 150
• (Absolute Maximum Ratings): Moved "VMON_IR_VEXT" and "VMON_ER_VSYS"signals from "Steady State
Max. Voltage at all other IO pins" to "Steady State Max. Voltage at all fail-safe IO pins".............................. 153
• Added the "VMON_IR_VEXT" and "VMON_ER_VSYS"signals to the "Fail-safe IO terminals are designed …"
paragraph....................................................................................................................................................... 153
• (Absolute Maximum Ratings): Updated/Changed "JESD78D (Class II)" to " JESD78E (Class II)" in the "For
current pulse injection: .." footnote................................................................................................................. 153
• (Abs Max Ratings): Updated/Changed the UNIT specified for the Latch-Up Performance MAX parameter from
"mV" to "V"......................................................................................................................................................153
• (ESD Ratings): Added the AEC - Q100 document revision letter to both HBM and CDM rows.....................157
• (Power-On-Hour (POH) Limits): Updated footnotes content to match within the device family..................... 157
• (I2C, Open-Drain, Fail-Safe (I2C OD FS) Electrical Characteristics): Updated/Changed the VOL, Output low-
level voltage under the 3.3-V MODE MAX value from "0.4 × VDDSHV" to "0.4" V........................................161
• (I2C OD FS Electrical Characteristics): Added the MIN input slew rate value and added associated footnotes
to describe the SRI parameter for 1.8-V MODE............................................................................................. 161
• (I2C OD FS Electrical Characteristics): Added both the MIN and MAX input slew rate value and added
associated footnotes to describe the SRI parameter for 3.3-V MODE........................................................... 161
• (I2C OD FS Electrical Characteristics): Added associated "I2C Hs-mode is not supported …" footnote to the
3.3-V MODE table section.............................................................................................................................. 161
• (I2C OD FS Electrical Characteristics): Added associated "The IOL parameter defines …" footnote to the IOL,
low level output current parameter for both 1.8-V MODE and 3.3-V MODE.................................................. 161
• (SDIO Electrical Characteristics): Added the MIN input slew rate value and added associated footnotes to
describe the SRI parameter for 1.8-V MODE................................................................................................. 161
• (SDIO Electrical Characteristics): Added both the MIN and MAX input slew rate value and added associated
footnotes to describe the SRI parameter for 3.3-V MODE............................................................................. 161
• (CSI-2/DSI D-PHY Electrical Characteristics): Deleted the Electrical Characteristics table and updated the
Note for the CSI-2/DSI D-PHY interfaces electrical characteristics compliance with MIPI D-PHY v1.2 dated
August 1, 2014............................................................................................................................................... 161
• (LVCMOS Electrical Characteristics): Added the MIN input slew rate value and added associated footnotes to
describe the SRI parameter for 1.8-V MODE................................................................................................. 161
• (LVCMOS Electrical Characteristics): Added both the MIN and MAX input slew rate value and added
associated footnotes to describe the SRI parameter for 3.3-V MODE........................................................... 161
• (LVCMOS Electrical Characteristics): Added a footnote to explain the IOL and IOH parameters.................... 161
• (USB2PHY Electrical Characteristics): Added missing content......................................................................161
• (Electrical Characteristics) Added a "2-L-PHY SERDES REFCLK Electrical Characteristics" table and
clarification content with reference to the device-specific Silicon Errata doc................................................. 161
• (2-L-PHY SERDES REFCLK Electrical Characteristics): Added missing table..............................................161
• (Electrical Characteristics): Moved and added titles for UFS M-PHY, eDP/DP AUX-PHY, and DDR0 Electrical
Characteristics content................................................................................................................................... 161
• (WKUP_OSC0 Switching Characteristics – Crystal Mode): Updated/Changed CXIXO, XI to XO Mutual
Capacitance MAX value from "0.9fF" to "0.1pF"............................................................................................ 195
• (WKUP_LFOSC0 Internal Oscillator Clock Source): Updated/Changed the ESR row UNIT column from "Ω" to
"kΩ" in the WKUP_LFOSC0 Crystal Electrical Characteristics table..............................................................203
• (LFXOSC Modes of Operation table): Updated/Changed the value of PD_C for BYPASS mode from "X" to
"0"................................................................................................................................................................... 203
• (DDRSS): Added a bullet below the JEDEC JESD209-4B standard compliant LPDDR4 SDRAM devices
features currently supported bullets............................................................................................................... 221
www.ti.com
TDA4VM-Q1, TDA4VM
SPRSP36K – SEPTEMBER 2021 – REVISED APRIL 2024
Copyright © 2024 Texas Instruments Incorporated
Submit Document Feedback
321
Product Folder Links: TDA4VM-Q1 TDA4VM



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com