Electronic Components Datasheet Search
  English  ▼

X  

TDA4VM21 Datasheet(PDF) 319 Page - Texas Instruments

Part # TDA4VM21
Description  TDA4VM Processors
PDF  331 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TDA4VM21 Datasheet(HTML) 319 Page - Texas Instruments

Back Button TDA4VM21 Datasheet HTML 315Page - Texas Instruments TDA4VM21 Datasheet HTML 316Page - Texas Instruments TDA4VM21 Datasheet HTML 317Page - Texas Instruments TDA4VM21 Datasheet HTML 318Page - Texas Instruments TDA4VM21 Datasheet HTML 319Page - Texas Instruments TDA4VM21 Datasheet HTML 320Page - Texas Instruments TDA4VM21 Datasheet HTML 321Page - Texas Instruments TDA4VM21 Datasheet HTML 322Page - Texas Instruments TDA4VM21 Datasheet HTML 323Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 319 / 331 page
background image
(3)
For HS device support, TI recommends the 0, 5, or D device types. The R and P (HS “prime”) device types are not recommended for
most applications, as they require extra steps in the manufacturing process and have a higher cost.
Note
BLANK in the symbol or part number is collapsed so there are no gaps between characters.
9.2 Tools and Software
The following products support development for TDA4VM platforms:
Development Tools
Code Composer Studio™ Integrated Development Environment Code Composer Studio (CCS) Integrated
Development Environment (IDE) is a development environment that supports TI's Microcontroller and Embedded
Processors portfolio. Code Composer Studio comprises a suite of tools used to develop and debug embedded
applications. It includes an optimizing C/C++ compiler, source code editor, project build environment, debugger,
profiler, and many other features. The intuitive IDE provides a single user interface taking you through each
step of the application development flow. Familiar tools and interfaces allow users to get started faster than ever
before. Code Composer Studio combines the advantages of the Eclipse software framework with advanced
embedded debug capabilities from TI resulting in a compelling feature-rich development environment for
embedded developers.
Pin mux tool The Pin MUX Utility is a software tool which provides a Graphical User Interface for configuring
pin multiplexing settings, resolving conflicts and specifying I/O cell characteristics for TI MPUs. Results are
output as C header/code files that can be imported into software development kits (SDKs) or used to configure
customer's custom software. Version 4 of the Pin Mux utility adds the capability of automatically selecting a mux
configuration that satisfies the entered requirements.
For a complete listing of development-support tools for the processor platform, visit the Texas Instruments
website at ti.com. For information on pricing and availability, contact the nearest TI field sales office or authorized
distributor.
9.3 Documentation Support
To receive notification of documentation updates, navigate to the device product folder on ti.com. In the upper
right corner, click on Alert me to register and receive a weekly digest of any product information that has
changed. For change details, review the revision history included in any revised document.
The following documents describe the TDA4VM devices.
Technical Reference Manual
J721E DRA829/TDA4VM/AM752x Processors Silicon Revisions 2.0, 1.1, and 1.0 Technical Reference
Manual Details the integration, the environment, the functional description, and the programming models for
each peripheral and subsystem in the TDA4VM family of devices.
Errata
J721E DRA829/TDA4VM/AM752x Processors Silicon Revision 1.0 Silicon Errata Describes the known
exceptions to the functional specifications for the device.
9.4 Support Resources
TI E2E™ support forums are an engineer's go-to source for fast, verified answers and design help — straight
from the experts. Search existing answers or ask your own question to get the quick design help you need.
Linked content is provided "AS IS" by the respective contributors. They do not constitute TI specifications and do
not necessarily reflect TI's views; see TI's Terms of Use.
9.5 Trademarks
eMMC™ is a trademark of MultiMediaCard Association.
HyperBus™ is a trademark of Mobiveil Inc.
www.ti.com
TDA4VM-Q1, TDA4VM
SPRSP36K – SEPTEMBER 2021 – REVISED APRIL 2024
Copyright © 2024 Texas Instruments Incorporated
Submit Document Feedback
319
Product Folder Links: TDA4VM-Q1 TDA4VM



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com