Electronic Components Datasheet Search
  English  ▼

X  

TDA4VM21 Datasheet(PDF) 315 Page - Texas Instruments

Part # TDA4VM21
Description  TDA4VM Processors
PDF  331 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TDA4VM21 Datasheet(HTML) 315 Page - Texas Instruments

Back Button TDA4VM21 Datasheet HTML 311Page - Texas Instruments TDA4VM21 Datasheet HTML 312Page - Texas Instruments TDA4VM21 Datasheet HTML 313Page - Texas Instruments TDA4VM21 Datasheet HTML 314Page - Texas Instruments TDA4VM21 Datasheet HTML 315Page - Texas Instruments TDA4VM21 Datasheet HTML 316Page - Texas Instruments TDA4VM21 Datasheet HTML 317Page - Texas Instruments TDA4VM21 Datasheet HTML 318Page - Texas Instruments TDA4VM21 Datasheet HTML 319Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 315 / 331 page
background image
Once component values have been selected to satisfy the maximum trigger voltage as described above, the
system designer can determine the minimum trigger voltage by calculating the applied voltage that produces an
output voltage of 0.45 V - 3% when the value of R1 is 1% high and the value of R2 is 1% low, and the input
leakage current is 10 nA, or zero. Using an input leakage of zero with the resistor values given above, the result
is a minimum trigger threshold of 4.008 V.
This example demonstrates a system power supply voltage trip point that ranges from 4.008 V to 4.523 V.
Approximately 250 mV of this range is introduced by VMON_ER_VSYS input threshold accuracy of ±3%,
approximately 150 mV of this range is introduced by resistor tolerance of ±1%, and approximately 100 mV of this
range is introduced by loading error when VMON_ER_VSYS input leakage current is 2.5 μA.
The resistor values selected in this example produces approximately 100 μA of bias current through the resistor
divider when the system supply is 4.5 V. The 100 mV of loading error mentioned above could be reduced to
about 10 mV by increasing the bias current through the resistor divider to approximately 1 mA. So resistor
divider bias current vs loading error is something the system designer needs to consider when selecting
component values.
The system designer should also consider implementing a noise filter on the voltage divider output since
VMON_ER_VSYS has minimum hysteresis and a high-bandwidth response to transients. This could be done
by installing a capacitor across R1 as shown in Figure 8-5. However, the system designer must determine the
response time of this filter based on system supply noise and expected response to transient events.
Figure 8-5 presents an example, when the system power supply voltage is nominally 5 V and the desired trigger
threshold is -10% or 4.5 V.
Device
VMON_VSYS
SPRSP56_VMON_ER_MON_01
VSS
4.81 k
1%
Ω
±
40.2 k
1%
Ω ±
VSYS
R1
R2
C1
Value = Determined by system designer
(System Power Supply)
Figure 8-5. System Supply Monitor Voltage Divider Circuit
8.3.6 High Speed Differential Signal Routing Guidance
The High Speed Interface Layout Guidelines provides guidance for successful routing of the high speed
differential signals. This includes PCB stackup and materials guidance as well as routing skew, length and
spacing limits. TI supports only designs that follow the board design guidelines contained in the application
report.
8.3.7 Thermal Solution Guidance
The Thermal Design Guide for DSP and ARM Application Processors provides guidance for successful
implementation of a thermal solution for system designs containing this device. This document provides
background information on common terms and methods related to thermal solutions. TI only supports designs
that follow system design guidelines contained in the application report.
www.ti.com
TDA4VM-Q1, TDA4VM
SPRSP36K – SEPTEMBER 2021 – REVISED APRIL 2024
Copyright © 2024 Texas Instruments Incorporated
Submit Document Feedback
315
Product Folder Links: TDA4VM-Q1 TDA4VM



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com