Electronic Components Datasheet Search
  English  ▼

X  

TDA4VM21 Datasheet(PDF) 314 Page - Texas Instruments

Part # TDA4VM21
Description  TDA4VM Processors
PDF  331 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TDA4VM21 Datasheet(HTML) 314 Page - Texas Instruments

Back Button TDA4VM21 Datasheet HTML 310Page - Texas Instruments TDA4VM21 Datasheet HTML 311Page - Texas Instruments TDA4VM21 Datasheet HTML 312Page - Texas Instruments TDA4VM21 Datasheet HTML 313Page - Texas Instruments TDA4VM21 Datasheet HTML 314Page - Texas Instruments TDA4VM21 Datasheet HTML 315Page - Texas Instruments TDA4VM21 Datasheet HTML 316Page - Texas Instruments TDA4VM21 Datasheet HTML 317Page - Texas Instruments TDA4VM21 Datasheet HTML 318Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 314 / 331 page
background image
Device
USBn_VBUS
J7ES_USB_VBUS_01
VSS
VSS
16.6 k
1%
Ω
±
10 k
1%
Ω
±
3.4 k
1%
Ω
±
VBUS signal
(BZX84C6V8 or equivalent)
6.8V
A.
USBn_VBUS, where n = 0 or 1.
Figure 8-4. USB VBUS Detect Voltage Divider / Clamp Circuit
The USB0_VBUS and USB1_VBUS pins can be considered to be fail-safe because the external circuit in Figure
8-4 limits the input current to the actual device pin in a case where VBUS is applied while the device is powered
off.
8.3.5 System Power Supply Monitor Design Guidelines
The VMON_ER_VSYS pin provides a way to monitor a system power supply. This system power supply is
typically a single pre-regulated power source for the entire system. This supply is monitored by comparing
the output of an external voltage divider circuit sourced by this supply with an internal voltage reference, with
a power fail event being triggered when the voltage applied to VMON_ER_VSYS drops below the internal
reference voltage. The actual system power supply voltage trip point is determined by the system designer when
selecting component values used to implement the external resistor voltage divider circuit. When designing the
resistor divider circuit it is important to understand various factors which contribute to variability in the system
power supply monitor trip point. The first thing to consider is the initial accuracy of the VMON_ER_VSYS input
threshold which has a nominal value of 0.45 V, with a variation of ±3%. Precision 1% resistors with similar
thermal coefficient are recommended for implementing the resistor voltage divider. This minimizes variability
contributed by resistor value tolerances. Input leakage current associated with VMON_ER_VSYS must also be
considered since any current flowing into the pin creates a loading error on the voltage divider output. The
VMON_ER_VSYS input leakage current may be in the range of 10 nA to 2.5 μA when applying 0.45 V.
Note
The resistor voltage divider shall be designed such that its output voltage never exceeds themaximum
value defined in Section 6.4, Recommended Operating Conditions during normal operating conditions.
Figure 8-5 presents an example, where the system power supply is nominally 5 V and the maximum trigger
threshold is 5 V - 10%, or 4.5 V.
For this example, it is important to understand which variables effect the maximum trigger threshold when
selecting resistor values. It is obvious a device which has a VMON_ER_VSYS input threshold of 0.45 V + 3%
needs to be considered when trying to design a voltage divider that doesn’t trip until the system supply drops
10%. The effect of resistor tolerance and input leakage also needs to be considered, but how these contributions
effect the maximum trigger point may not be obvious. When selecting component values which produce a
maximum trigger voltage, the system designer must consider a condition where the value of R1 is 1% low and
the value of R2 is 1% high combined with a condition where input leakage current for the VMON_ER_VSYS pin
is 2.5 μA. When implementing a resistor divider where R1 = 4.81 KΩ and R2 = 40.2 KΩ, the result is a maximum
trigger threshold of 4.523 V.
TDA4VM-Q1, TDA4VM
SPRSP36K – SEPTEMBER 2021 – REVISED APRIL 2024
www.ti.com
314
Submit Document Feedback
Copyright © 2024 Texas Instruments Incorporated
Product Folder Links: TDA4VM-Q1 TDA4VM



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com