| Electronic Components Datasheet Search |
|
TDA4VM21 Datasheet(PDF) 112 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
TDA4VM21 Datasheet(HTML) 112 Page - Texas Instruments |
|
112 / 331 page ![]() 5.3.23 PRU_ICSSG [Currently Not Supported] 5.3.23.1 MAIN Domain Table 5-93. PRU_ICSSG0 Signal Descriptions SIGNAL NAME [1] DESCRIPTION [2] PIN TYPE [3] BALL [4] PRG0_ECAP0_IN_APWM_OUT PRU_ICSSG Enhanced Capture (ECAP) Input or Auxiliary PWM (APWM) Ouput IO AB29 PRG0_ECAP0_SYNC_IN PRU_ICSSG ECAP Sync Input I AC28 PRG0_ECAP0_SYNC_OUT PRU_ICSSG ECAP Sync Output O AB24 PRG0_IEP0_EDIO_OUTVALID PRU_ICSSG Industrial Ethernet Digital I/O Outvalid O Y3 PRG0_IEP0_EDC_LATCH_IN0 PRU_ICSSG Industrial Ethernet Distributed Clock Latch Input I AB29, Y3 PRG0_IEP0_EDC_LATCH_IN1 PRU_ICSSG Industrial Ethernet Distributed Clock Latch Input I AC28, P23 PRG0_IEP0_EDC_SYNC_OUT0 PRU_ICSSG Industrial Ethernet Distributed Clock Sync Output O AB28, Y1 PRG0_IEP0_EDC_SYNC_OUT1 PRU_ICSSG Industrial Ethernet Distributed Clock Sync Output O AB24, R28 PRG0_IEP0_EDIO_DATA_IN_OUT28 PRU_ICSSG Industrial Ethernet Digital I/O Data Input/ Output IO AB26 PRG0_IEP0_EDIO_DATA_IN_OUT29 PRU_ICSSG Industrial Ethernet Digital I/O Data Input/ Output IO AB25 PRG0_IEP0_EDIO_DATA_IN_OUT30 PRU_ICSSG Industrial Ethernet Digital I/O Data Input/ Output IO Y24 PRG0_IEP0_EDIO_DATA_IN_OUT31 PRU_ICSSG Industrial Ethernet Digital I/O Data Input/ Output IO AA25 PRG0_IEP1_EDC_LATCH_IN0 PRU_ICSSG Industrial Ethernet Distributed Clock Latch Input I AA26, Y5 PRG0_IEP1_EDC_LATCH_IN1 PRU_ICSSG Industrial Ethernet Distributed Clock Latch Input I AA24, T27 PRG0_IEP1_EDC_SYNC_OUT0 PRU_ICSSG Industrial Ethernet Distributed Clock Sync Output O AA29, Y2 PRG0_IEP1_EDC_SYNC_OUT1 PRU_ICSSG Industrial Ethernet Distributed Clock Sync Output O T24, Y25 PRG0_MDIO0_MDC PRU_ICSSG MDIO Clock O AA27 PRG0_MDIO0_MDIO PRU_ICSSG MDIO Data IO Y26 PRG0_PRU0_GPI0 PRU_ICSSG PRU Data Input I AF28 PRG0_PRU0_GPI1 PRU_ICSSG PRU Data Input I AE28 PRG0_PRU0_GPI2 PRU_ICSSG PRU Data Input I AE27 PRG0_PRU0_GPI3 PRU_ICSSG PRU Data Input I AD26 PRG0_PRU0_GPI4 PRU_ICSSG PRU Data Input I AD25 PRG0_PRU0_GPI5 PRU_ICSSG PRU Data Input I AC29 PRG0_PRU0_GPI6 PRU_ICSSG PRU Data Input I AE26 PRG0_PRU0_GPI7 PRU_ICSSG PRU Data Input I AC28 PRG0_PRU0_GPI8 PRU_ICSSG PRU Data Input I AC27 PRG0_PRU0_GPI9 PRU_ICSSG PRU Data Input I AB26 PRG0_PRU0_GPI10 PRU_ICSSG PRU Data Input I AB25 PRG0_PRU0_GPI11 PRU_ICSSG PRU Data Input I AJ28 PRG0_PRU0_GPI12 PRU_ICSSG PRU Data Input I AH27 PRG0_PRU0_GPI13 PRU_ICSSG PRU Data Input I AH29 PRG0_PRU0_GPI14 PRU_ICSSG PRU Data Input I AG28 TDA4VM-Q1, TDA4VM SPRSP36K – SEPTEMBER 2021 – REVISED APRIL 2024 www.ti.com 112 Submit Document Feedback Copyright © 2024 Texas Instruments Incorporated Product Folder Links: TDA4VM-Q1 TDA4VM |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |