Electronic Components Datasheet Search
  English  ▼

X  

TDA4VM21 Datasheet(PDF) 153 Page - Texas Instruments

Part # TDA4VM21
Description  TDA4VM Processors
PDF  331 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TDA4VM21 Datasheet(HTML) 153 Page - Texas Instruments

Back Button TDA4VM21 Datasheet HTML 149Page - Texas Instruments TDA4VM21 Datasheet HTML 150Page - Texas Instruments TDA4VM21 Datasheet HTML 151Page - Texas Instruments TDA4VM21 Datasheet HTML 152Page - Texas Instruments TDA4VM21 Datasheet HTML 153Page - Texas Instruments TDA4VM21 Datasheet HTML 154Page - Texas Instruments TDA4VM21 Datasheet HTML 155Page - Texas Instruments TDA4VM21 Datasheet HTML 156Page - Texas Instruments TDA4VM21 Datasheet HTML 157Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 153 / 331 page
background image
6 Specifications
6.1 Absolute Maximum Ratings
over operating free-air temperature range (unless otherwise noted)(1) (2)
PARAMETER
MIN
MAX
UNIT
VDD_CORE
MAIN domain core supply
–0.3
1.05
V
VDD_MCU
MCUSS core supply
–0.3
1.05
V
VDD_CPU
CPU core supply
–0.3
1.05
V
VDDA_0P8_DLL_MMC0
MMC0 DLL analog supply
–0.3
1.05
V
VDDAR_CORE
MAIN domain RAM supply
–0.3
1.05
V
VDDAR_MCU
MCUSS RAM supply
–0.3
1.05
V
VDDAR_CPU
CPU RAM supply
–0.3
1.05
V
VDDA_0P8_DP
Displayport SERDES analog supply low
–0.3
1.05
V
VDDA_0P8_DP_C
Displayport SERDES clock supply
–0.3
1.05
V
VDDA_0P8_DSITX
DSITX clock supply
–0.3
1.05
V
VDDA_0P8_DSITX_C
DSITX clock supply
–0.3
1.05
V
VDDA_0P8_CSIRX
CSIRX analog supply low
–0.3
1.05
V
VDDA_0P8_SERDES0_1
SERDES0-1 analog supply low
–0.3
1.05
V
VDDA_0P8_SERDES2_3
SERDES2-3 analog supply low
–0.3
1.05
V
VDDA_0P8_SERDES_C0_1
SERDES0-1 clock supply
–0.3
1.05
V
VDDA_0P8_SERDES_C2_3
SERDES2-3 clock supply
–0.3
1.05
V
VDDA_0P8_USB
USB0-1 0.8 V analog supply
–0.3
1.05
V
VDDA_0P8_UFS
UFS analog supply low
–0.3
1.05
V
VDDA_0P8_PLL_MLB
MLB PLL analog supply
–0.3
1.05
V
VDDA_0P8_PLL_DDR
DDR PLL analog supply
–0.3
1.05
V
VDDA_1P8_USB
USB0-1 1.8 V analog supply
–0.3
2.2
V
VDDA_1P8_UFS
UFS analog supply high
–0.3
2.2
V
VDDA_1P8_DP
Displayport SERDES analog supply high
–0.3
2.2
V
VDDA_1P8_DSITX
DSITX analog supply high
–0.3
2.2
V
VDDA_1P8_CSIRX
CSIRX analog supply high
–0.3
2.2
V
VDDA_1P8_SERDES0_1
SERDES0-1 analog supply high
–0.3
2.2
V
VDDA_1P8_SERDES2_3
SERDES2-3 analog supply high
–0.3
2.2
V
VDDA_3P3_USB
USB0-1 3.3 V analog supply
–0.3
3.8
V
VDDA_MCU_PLLGRP0
Analog supply for MCU PLL Group 0
–0.3
2.2
V
VDDA_PLLGRP0
Analog supply for Main PLL Group 0
–0.3
2.2
V
VDDA_PLLGRP1
Analog supply for Main PLL Group 1
–0.3
2.2
V
VDDA_PLLGRP2
Analog supply for Main PLL Group 2
–0.3
2.2
V
VDDA_PLLGRP3
Analog supply for Main PLL Group 3
–0.3
2.2
V
VDDA_PLLGRP4
Analog supply for Main PLL Group 4
–0.3
2.2
V
VDDA_PLLGRP5
Analog supply for MAIN PLL Group 5 (DDR)
–0.3
2.2
V
VDDA_PLLGRP6
Analog supply for MAIN PLL Group 6
–0.3
2.2
V
VDDA_WKUP
Oscillator supply for WKUP domain
–0.3
2.2
V
VDDA_ADC0
ADC analog supply
–0.3
2.2
V
VDDA_ADC1
ADC analog supply
–0.3
2.2
V
VDDA_MCU_TEMP
Analog supply for temperature sensor 0 in MCU
domain
–0.3
2.2
V
VDDA_POR_WKUP
WKUP domain analog supply
–0.3
2.2
V
www.ti.com
TDA4VM-Q1, TDA4VM
SPRSP36K – SEPTEMBER 2021 – REVISED APRIL 2024
Copyright © 2024 Texas Instruments Incorporated
Submit Document Feedback
153
Product Folder Links: TDA4VM-Q1 TDA4VM



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com