Electronic Components Datasheet Search
  English  ▼

X  

TDA4VM21 Datasheet(PDF) 222 Page - Texas Instruments

Part # TDA4VM21
Description  TDA4VM Processors
PDF  331 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TDA4VM21 Datasheet(HTML) 222 Page - Texas Instruments

Back Button TDA4VM21 Datasheet HTML 218Page - Texas Instruments TDA4VM21 Datasheet HTML 219Page - Texas Instruments TDA4VM21 Datasheet HTML 220Page - Texas Instruments TDA4VM21 Datasheet HTML 221Page - Texas Instruments TDA4VM21 Datasheet HTML 222Page - Texas Instruments TDA4VM21 Datasheet HTML 223Page - Texas Instruments TDA4VM21 Datasheet HTML 224Page - Texas Instruments TDA4VM21 Datasheet HTML 225Page - Texas Instruments TDA4VM21 Datasheet HTML 226Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 222 / 331 page
background image
Table 6-51. DPI Video Output Switching Characteristics (continued)
NO.(2)
PARAMETER
MIN
MAX
UNIT
D2
tw(pclkL)
Pulse duration, VOUT(x)_PCLK low
0.475×P(1)
ns
D3
tw(pclkH)
Pulse duration, VOUT(x)_PCLK high
0.475×P(1)
ns
D4
td(pclkV-dataV)
Delay time, VOUT(x)_PCLK transition to VOUT(x)_DATA[23:0]
transition
-0.68
1.78
ns
D5
td(pclkV-ctrlL)
Delay time, VOUT(x)_PCLK transition to control signals
VOUT(x)_VSYNC, VOUT(x)_HSYNC, VOUT(x)_DE falling edge
-0.68
1.78
ns
(1)
P = output VOUT(x)_PCLK period in ns.
(2)
x in VOUT(x) = 1 or 2
VOUT(x)_PCLK
VOUT(x)_VSYNC
VOUT(x)_HSYNC
VOUT(x)_DATA[23:0]
VOUT(x)_DE
data_1 data_2
data_n
D1
D2
D3
D5
D5
D4
D5
DPI_TIMING_01
VOUT
_PCLK
(x)
Falling-edge Clock Reference
Rising-edge Clock Reference
A.
The configuration of assertion of the data can be programmed on the falling or rising edge of the pixel clock.
B.
The polarity and the pulse width of VOUT(x)_HSYNC and VOUT(x)_VSYNC are programmable, refer to Display Subsystem (DSS)
section in Peripherals chapter in the device TRM.
C.
The VOUT(x)_PCLK frequency can be configured, refer to Display Subsystem section in Peripherals chapter in the device TRM.
D.
x in VOUT(x) = 1 or 2.
Figure 6-54. DPI Video Output
TDA4VM-Q1, TDA4VM
SPRSP36K – SEPTEMBER 2021 – REVISED APRIL 2024
www.ti.com
222
Submit Document Feedback
Copyright © 2024 Texas Instruments Incorporated
Product Folder Links: TDA4VM-Q1 TDA4VM



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com