Electronic Components Datasheet Search
  English  ▼

X  

TDA4VM21 Datasheet(PDF) 227 Page - Texas Instruments

Part # TDA4VM21
Description  TDA4VM Processors
PDF  331 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TDA4VM21 Datasheet(HTML) 227 Page - Texas Instruments

Back Button TDA4VM21 Datasheet HTML 223Page - Texas Instruments TDA4VM21 Datasheet HTML 224Page - Texas Instruments TDA4VM21 Datasheet HTML 225Page - Texas Instruments TDA4VM21 Datasheet HTML 226Page - Texas Instruments TDA4VM21 Datasheet HTML 227Page - Texas Instruments TDA4VM21 Datasheet HTML 228Page - Texas Instruments TDA4VM21 Datasheet HTML 229Page - Texas Instruments TDA4VM21 Datasheet HTML 230Page - Texas Instruments TDA4VM21 Datasheet HTML 231Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 227 / 331 page
background image
NO.
MIN
MAX UNIT
QEP5
tw(qepsL)
Pulse duration, QEP_S low
2 + 2P(1)
ns
(1)
P = sysclk
QEP_S
QEP4
EPERIPHERALS_TIMNG_03
QEP_I
QEP2
QEP_A/B
QEP1
QEP3
QEP5
Figure 6-62. eQEP Input Timings
6.9.5.10.2 Switching Characteristics for eQEP
NO.
PARAMETER
MIN
MAX UNIT
QEP6
td(QEP-CNTR)
Delay time, external clock to counter increment
24
ns
For more information, see Enhanced Quadrature Encoder Pulse (EQEP) Module section in Peripherals chapter
in the device TRM.
6.9.5.11 GPIO
The device has ten instances of GPIO modules. The GPIO modules are integrated in three groups.
• Group one: WKUP_GPIO0 and WKUP_GPIO1
• Group two: GPIO0, GPIO2, GPIO4, and GPIO6
• Group three: GPIO1, GPIO3, GPIO5, and GPIO7
Within each group, exactly one module is selected to control the corresponding I/O pins and pin interrupts.
The GPIO pins are grouped into banks (16 pins per bank), which means that each GPIO module provides up
to 144 dedicated general-purpose pins with input and output capabilities; thus, the general-purpose interface
supports up to 432 (3 instances × (9 banks × 16 pins)) pins. Since WKUP_GPIOu_[84:143] (u = 0, 1),
GPIOn_[128:143] (n = 0, 2, 4, 6), and GPIOm_[36:143] (m = 1, 3, 5 ,7) are reserved in this device, general
purpose interface supports up to 248 I/O pins.
For more details about features and additional description information on the device General-Purpose Interface,
see the corresponding sections within Section 5.3, Signal Descriptions and Section 7, Detailed Description.
Note
The general-purpose input/output i (i = 0 to 1) is also referred to as GPIOi.
Table 6-56 represents GPIO timing conditions.
Table 6-56. GPIO Timing Conditions
PARAMETER
BUFFER TYPE
MIN
MAX UNIT
INPUT CONDITIONS
www.ti.com
TDA4VM-Q1, TDA4VM
SPRSP36K – SEPTEMBER 2021 – REVISED APRIL 2024
Copyright © 2024 Texas Instruments Incorporated
Submit Document Feedback
227
Product Folder Links: TDA4VM-Q1 TDA4VM



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com