Electronic Components Datasheet Search
  English  ▼

X  

TDA4VM21 Datasheet(PDF) 229 Page - Texas Instruments

Part # TDA4VM21
Description  TDA4VM Processors
PDF  331 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TDA4VM21 Datasheet(HTML) 229 Page - Texas Instruments

Back Button TDA4VM21 Datasheet HTML 225Page - Texas Instruments TDA4VM21 Datasheet HTML 226Page - Texas Instruments TDA4VM21 Datasheet HTML 227Page - Texas Instruments TDA4VM21 Datasheet HTML 228Page - Texas Instruments TDA4VM21 Datasheet HTML 229Page - Texas Instruments TDA4VM21 Datasheet HTML 230Page - Texas Instruments TDA4VM21 Datasheet HTML 231Page - Texas Instruments TDA4VM21 Datasheet HTML 232Page - Texas Instruments TDA4VM21 Datasheet HTML 233Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 229 / 331 page
background image
6.9.5.12.1 GPMC and NOR Flash — Synchronous Mode
Section 6.9.5.12.1.1 and Section 6.9.5.12.1.2 assume testing over the recommended operating conditions and
electrical characteristic conditions below (see Figure 6-63 through Figure 6-67).
6.9.5.12.1.1 GPMC and NOR Flash Timing Requirements — Synchronous Mode
NO.
PARAMETER
DESCRIPTION
(2)
MODE
(3)
MIN
MAX
MIN
MAX
UNIT
100 MHz
(4)
133 MHz
(4)
F12 tsu(dV-clkH)
Setup time, input data
GPMC_AD[15:0] valid before
output clock GPMC_CLK high
div_by_1_mode;
1.81
1.11
ns
not_div_by_1_mode;
1.06
ns
F13 th(clkH-dV)
Hold time, input data
GPMC_AD[15:0] valid after
output clock GPMC_CLK high
div_by_1_mode;
1.78
2.28
ns
not_div_by_1_mode;
1.78
ns
F21 tsu(waitV-clkH)
Setup time, input wait
GPMC_WAIT[j] valid before
output clock GPMC_CLK high
(1)
div_by_1_mode;
1.81
1.11
ns
not_div_by_1_mode;
1.06
ns
F22 th(clkH-waitV)
Hold time, input wait
GPMC_WAIT[j] valid after output
clock GPMC_CLK high
(1)
div_by_1_mode;
1.78
2.28
ns
not_div_by_1_mode;
1.78
ns
(1)
In GPMC_WAIT[j], j is equal to 0, 1, 2, or 3.
(2)
Wait monitoring support is limited to a WaitMonitoringTime value > 0. For a full description of wait monitoring feature, see General-
Purpose Memory Controller (GPMC) section in the device TRM.
(3)
For div_by_1_mode:
•
GPMC_CONFIG1_i Register: GPMCFCLKDIVIDER = 0h:
–
GPMC_CLK frequency = GPMC_FCLK frequency
•
GPMC_CONFIG1_i Register: GPMCFCLKDIVIDER = 1h to 3h:
–
GPMC_CLK frequency = GPMC_FCLK frequency / (2 to 4)
•
(4)
For 100 MHz:
•
CTRLMMR_GPMC_CLKSEL[1-0] CLK_SEL = 01 = MAIN_PLL2_HSDIV1_CLKOUT / 3
For 133 MHz:
•
CTRLMMR_GPMC_CLKSEL[1-0] CLK_SEL = 00 = MAIN_PLL0_HSDIV3_CLKOUT
6.9.5.12.1.2 GPMC and NOR Flash Switching Characteristics – Synchronous Mode
NO.(2) PARAMETER
DESCRIPTION
MODE(19)
MIN
MAX
MIN
MAX UNI
T
100 MHz(20)
133 MHz(20)
F0
tc(clk)
Period, output clock GPMC_CLK(18)
div_by_1_mode;
10
7.52
ns
F1
tw(clkH)
Typical pulse duration, output clock
GPMC_CLK high
div_by_1_mode
0.475*P
(15)- 0.3
0.475*P
(15)- 0.3
ns
F1
tw(clkL)
Typical pulse duration, output clock
GPMC_CLK low
div_by_1_mode
0.475*P
(15)- 0.3
0.475*P
(15)- 0.3
ns
F2
td(clkH-csnV)
Delay time, output clock GPMC_CLK rising
edge to output chip select GPMC_CSn[i]
transition(14)
div_by_1_mode
no extra_delay
F(6)-2.2
F+3.75
F(6)-2.2 F(6)+3.75 ns
F3
td(clkH-CSn[i]V)
Delay time, output clock GPMC_CLK rising
edge to output chip select GPMC_CSn[i]
invalid(14)
div_by_1_mode
no extra_delay
E(5)-2.2 E(5)+3.75
E(5)-2.2
E
(5)+3.75
ns
F4
td(aV-clk)
Delay time, output address GPMC_A[27:1]
valid to output clock GPMC_CLK first edge
div_by_1_mode
B(2)-2.3 B(2)+4.5
B(2)-2.3 B(2)+4.5 ns
F5
td(clkH-aIV)
Delay time, output clock GPMC_CLK rising
edge to output address GPMC_A[27:1]
invalid
div_by_1_mode;
-2.3
4.5
-2.3
4.5 ns
www.ti.com
TDA4VM-Q1, TDA4VM
SPRSP36K – SEPTEMBER 2021 – REVISED APRIL 2024
Copyright © 2024 Texas Instruments Incorporated
Submit Document Feedback
229
Product Folder Links: TDA4VM-Q1 TDA4VM



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com