Electronic Components Datasheet Search
  English  ▼

X  

TDA4VM21 Datasheet(PDF) 259 Page - Texas Instruments

Part # TDA4VM21
Description  TDA4VM Processors
PDF  331 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TDA4VM21 Datasheet(HTML) 259 Page - Texas Instruments

Back Button TDA4VM21 Datasheet HTML 255Page - Texas Instruments TDA4VM21 Datasheet HTML 256Page - Texas Instruments TDA4VM21 Datasheet HTML 257Page - Texas Instruments TDA4VM21 Datasheet HTML 258Page - Texas Instruments TDA4VM21 Datasheet HTML 259Page - Texas Instruments TDA4VM21 Datasheet HTML 260Page - Texas Instruments TDA4VM21 Datasheet HTML 261Page - Texas Instruments TDA4VM21 Datasheet HTML 262Page - Texas Instruments TDA4VM21 Datasheet HTML 263Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 259 / 331 page
background image
6.9.5.18 MCSPI
For more details about features and additional description information on the device Serial Port Interface, see
the corresponding sections within Section 5.3, Signal Descriptions and Section 7, Detailed Description.
For more information, see Multichannel Serial Peripheral Interface (MCSPI) section in Peripherals chapter in the
device TRM.
Table 6-70 represents MCSPI timing conditions.
Note
The IO timings provided in this section are applicable for all combinations of signals for MCU_SPI0
and MCU_SPI1. However, the timings are only valid for MCU_SPI0 and MCU_SPI1 if signals within a
single IOSET are used. The IOSETs are defined in the Table 6-75 and Table 6-76 tables.
Table 6-70. MCSPI Timing Conditions
PARAMETER
MIN
MAX
UNIT
INPUT CONDITIONS
SRI
Input slew rate
2
8.5
V/ns
OUTPUT CONDITIONS
CL
Output load capacitance
CLK
6
24
pF
D[x], CSi
6
12
pF
6.9.5.18.1 MCSPI — Master Mode
Table 6-71, Figure 6-86, Table 6-72, and Figure 6-87 present timing requirements and switching characteristics
for MCSPI – Master Mode.
Table 6-71. MCSPI Timing Requirements - Master Mode
see Figure 6-86
NO.
MIN
MAX
UNIT
SM4
tsu(misoV-
spiclkV)
Setup time, SPI_D[x] valid before SPI_CLK active edge
2.8
ns
SM5
th(spiclkV-
misoV)
Hold time, SPI_D[x] valid after SPI_CLK active edge
3
ns
Table 6-72. MCSPI Switching Characteristics - Master Mode
see Figure 6-87
NO.
PARAMETER
MODE
MIN
MAX
UNIT
SM1
tc(spiclk)
Cycle time, SPI_CLK
20.8
ns
SM2
tw(spiclkL)
Pulse duration, SPI_CLK low
0.5P -
1(1)
ns
SM3
tw(spiclkH)
Pulse duration, SPI_CLK high
0.5P -
1(1)
ns
SM6
td(spiclkV-simoV)
Delay time, SPI_CLK active edge to SPI_D[x]
transition
-3
2.5
ns
SM7
td(csV-simoV)
Delay time, SPI_CSi active edge to SPI_D[x] transition
5
ns
SM8
td(csV-spiclk)
Delay time, SPI_CSi active to SPI_CLK first edge
PHA = 0(2)
B - 4(3)
ns
PHA = 1
(2)
A - 4(4)
ns
SM9
td(spiclkV-csV)
Delay time, SPI_CLK last edge to SPI_CSi inactive
PHA = 0(2)
A - 4(4)
ns
PHA = 1(2)
B - 4(3)
ns
(1)
P = SPI_CLK period in ns
(2)
SPI_CLK phase is programmable with the PHA bit of the MCSPI_CHCONF_0/1/2/3 register
(3)
B = (TCS + .5) * TSPICLKREF, where TCSns a bit field of the MCSPI_CHCONF_0/1/2/3 register and Fratio = Even >= 2.
(4)
When P = 20.8 ns, A = (TCS + 1) * TSPICLKREF, where TCSns a bit field of the MCSPI_CHCONF_0/1/2/3 register.
www.ti.com
TDA4VM-Q1, TDA4VM
SPRSP36K – SEPTEMBER 2021 – REVISED APRIL 2024
Copyright © 2024 Texas Instruments Incorporated
Submit Document Feedback
259
Product Folder Links: TDA4VM-Q1 TDA4VM



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com