Electronic Components Datasheet Search
  English  ▼

X  

TDA4VM21 Datasheet(PDF) 261 Page - Texas Instruments

Part # TDA4VM21
Description  TDA4VM Processors
PDF  331 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TDA4VM21 Datasheet(HTML) 261 Page - Texas Instruments

Back Button TDA4VM21 Datasheet HTML 257Page - Texas Instruments TDA4VM21 Datasheet HTML 258Page - Texas Instruments TDA4VM21 Datasheet HTML 259Page - Texas Instruments TDA4VM21 Datasheet HTML 260Page - Texas Instruments TDA4VM21 Datasheet HTML 261Page - Texas Instruments TDA4VM21 Datasheet HTML 262Page - Texas Instruments TDA4VM21 Datasheet HTML 263Page - Texas Instruments TDA4VM21 Datasheet HTML 264Page - Texas Instruments TDA4VM21 Datasheet HTML 265Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 261 / 331 page
background image
SPI_CS[i] (OUT)
SPI_SCLK (OUT)
SPI_SCLK (OUT)
SPI_D[x] (OUT)
SPI_CS[i] (OUT)
SPI_SCLK (OUT)
SPI_SCLK (OUT)
SPI_D[x] (OUT)
Bit n-1
Bit n-2
Bit n-3
Bit n-4
Bit 0
Bit n-1
Bit n-2
Bit n-3
Bit 1
Bit0
PHA=0
EPOL=1
POL=0
POL=1
PHA=1
EPOL=1
POL=0
POL=1
SM8
SM9
SM6
SM3
SM1
SM2
SM1
SM8
SM9
SM3
SM1
SM2
SM1
SM6
SM7
SM6
SM2
SM3
SM2
SM3
SM6
SM6
SM6
SPRSP08_TIMING_McSPI_01
Figure 6-87. MCSPI Master Mode Transmit Timing
6.9.5.18.2 MCSPI — Slave Mode
Table 6-73, Table 6-74, Figure 6-88, and Figure 6-89 present timing requirements and switching characteristics
for MCSPI – Slave Mode.
Table 6-73. MCSPI Timing Requirements - Slave Mode
NO.
PARAMETER
DESCRIPTION
MODE
MIN
MAX
UNIT
SS1
tc(spiclk)
Cycle time, SPI_CLK
20.8
ns
SS2
tw(spiclkL)
Pulse duration, SPI_CLK low
0.45P
(1)
ns
SS3
tw(spiclkH)
Pulse duration, SPI_CLK high
0.45P
(1)
ns
SS4
tsu(simoV-spiclkV)
Setup time, SPI_D[x] valid before SPI_CLK active edge
5
ns
SS5
th(spiclkV-simoV)
Hold time, SPI_D[x] valid after SPI_CLK active edge
5
ns
SS8
tsu(csV-spiclkV)
Setup time, SPI_CSi valid before SPI_CLK first edge
5
ns
SS9
th(spiclkV-csV)
Hold time, SPI_CSi valid after SPI_CLK last edge
5
ns
www.ti.com
TDA4VM-Q1, TDA4VM
SPRSP36K – SEPTEMBER 2021 – REVISED APRIL 2024
Copyright © 2024 Texas Instruments Incorporated
Submit Document Feedback
261
Product Folder Links: TDA4VM-Q1 TDA4VM



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com