Electronic Components Datasheet Search
  English  ▼

X  

TDA4VM21 Datasheet(PDF) 264 Page - Texas Instruments

Part # TDA4VM21
Description  TDA4VM Processors
PDF  331 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TDA4VM21 Datasheet(HTML) 264 Page - Texas Instruments

Back Button TDA4VM21 Datasheet HTML 260Page - Texas Instruments TDA4VM21 Datasheet HTML 261Page - Texas Instruments TDA4VM21 Datasheet HTML 262Page - Texas Instruments TDA4VM21 Datasheet HTML 263Page - Texas Instruments TDA4VM21 Datasheet HTML 264Page - Texas Instruments TDA4VM21 Datasheet HTML 265Page - Texas Instruments TDA4VM21 Datasheet HTML 266Page - Texas Instruments TDA4VM21 Datasheet HTML 267Page - Texas Instruments TDA4VM21 Datasheet HTML 268Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 264 / 331 page
background image
Table 6-76. MCU_SPI1 IOSET
Signals
IOSET1
IOSET2
BALL NAME
MUX
BALL NAME
MUX
MCU_SPI1_CLK
MCU_SPI1_CLK
0
MCU_SPI1_CLK
0
MCU_SPI1_D0
MCU_SPI1_D0
0
MCU_SPI1_D0
0
MCU_SPI1_D1
MCU_SPI1_D1
0
MCU_SPI1_D1
0
MCU_SPI1_CS0
MCU_SPI1_CS0
0
MCU_SPI1_CS0
0
MCU_SPI1_CS1
MCU_OSPI1_D1
5
WKUP_GPIO0_13
1
MCU_SPI1_CS2
MCU_OSPI1_D2
5
WKUP_GPIO0_15
1
For more information, see Multichannel Serial Peripheral Interface (MCSPI) section in Peripherals chapter in the
device TRM.
6.9.5.19 MMCSD
The MMCSD Host Controller provides an interface to embedded Multi-Media Card (MMC), Secure Digital (SD),
and Secure Digital IO (SDIO) devices. The MMCSD Host Controller deals with MMC/SD/SDIO protocol at
transmission level, data packing, adding cyclic redundancy checks (CRCs), start/end bit insertion, and checking
for syntactical correctness.
For more details about MMCSD interfaces, see the corresponding MMC0, MMC1, and MMC2 sections within
, Signal Descriptions and , Detailed Description.
Note
Some operating modes require software configuration of the MMC DLL delay settings, as shown in
Table 6-77 and Table 6-86.
For more information, see Multi-Media Card/Secure Digital (MMCSD) Interface section in Peripherals chapter in
the device TRM.
6.9.5.19.1 MMC0 - eMMC Interface
MMC0 interface is compliant with the JEDEC eMMC electrical standard v5.1 (JESD84-B51) and it supports the
following eMMC applications:
• Legacy speed
• High speed SDR
• High speed DDR
• HS200
Table 6-77 presents the required DLL software configuration settings for MMC0 timing modes.
Table 6-77. MMC0 DLL Delay Mapping for All Timing Modes
REGISTER NAME
MMCSD0_SS_PHY_CTRL_4_REG
MMCSD0_SS_PHY_CTRL_5_REG
BIT FIELD
[31:24]
[20]
[15:12]
[8]
[4:0]
[17:16]
[10:8]
[2:0]
BIT FIELD NAME
STRBSEL
OTAPDLYENA
OTAPDLYSEL
ITAPDLYENA
ITAPDLYSEL
SELDLYTXCLK
SELDLYRXCLK
FRQSEL
CLKBUFSEL
MODE
DESCRIPTION
STROBE
DELAY
OUTPUT
DELAY
ENABLE
OUTPUT
DELAY
VALUE
INPUT
DELAY
ENABLE
INPUT
DELAY
VALUE
DLL/
DELAY CHAIN
SELECT
DLL REF
FREQUENCY
DELAY
BUFFER
DURATION
Legacy
SDR
8-bit PHY
operating 1.8 V,
25 MHz
0x0
0x0
NA
0x1
0x10
0x1
0x0
0x7
High
Speed
SDR
8-bit PHY
operating 1.8 V,
50 MHz
0x0
0x0
NA
0x1
0xA
0x1
0x0
0x7
TDA4VM-Q1, TDA4VM
SPRSP36K – SEPTEMBER 2021 – REVISED APRIL 2024
www.ti.com
264
Submit Document Feedback
Copyright © 2024 Texas Instruments Incorporated
Product Folder Links: TDA4VM-Q1 TDA4VM



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com