Electronic Components Datasheet Search
  English  ▼

X  

TDA4VM21 Datasheet(PDF) 255 Page - Texas Instruments

Part # TDA4VM21
Description  TDA4VM Processors
PDF  331 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TDA4VM21 Datasheet(HTML) 255 Page - Texas Instruments

Back Button TDA4VM21 Datasheet HTML 251Page - Texas Instruments TDA4VM21 Datasheet HTML 252Page - Texas Instruments TDA4VM21 Datasheet HTML 253Page - Texas Instruments TDA4VM21 Datasheet HTML 254Page - Texas Instruments TDA4VM21 Datasheet HTML 255Page - Texas Instruments TDA4VM21 Datasheet HTML 256Page - Texas Instruments TDA4VM21 Datasheet HTML 257Page - Texas Instruments TDA4VM21 Datasheet HTML 258Page - Texas Instruments TDA4VM21 Datasheet HTML 259Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 255 / 331 page
background image
6.9.5.17 MCASP
For more details about features and additional description information on the device Multichannel Audio Serial
Port, see the corresponding sections within Section 5.3, Signal Descriptions and Section 7, Detailed Description.
Table 6-68 and Figure 6-84 present timing requirements for MCASP0 to MCASP11.
Table 6-67 represents MCASP timing conditions.
Table 6-67. MCASP Timing Conditions
PARAMETER
MIN
MAX
UNIT
INPUT CONDITIONS
SRI
Input slew rate
0.7
5
V/ns
OUTPUT CONDITIONS
CL
Output load capacitance
1
10
pF
PCB CONNECTIVITY REQUIREMENTS
td(Trace Delay)
Propagation delay of each trace
100
1100
ps
td(Trace Mismatch Delay)
Propagation delay mismatch across all traces
100
ps
Table 6-68. MCASP Timing Requirements
NO.
MODE(1)
MIN
MAX UNIT
ASP1 tc(AHCLKRX)
Cycle time, MCASP[x]_AHCLKR/X
15.26
ns
ASP2 tw(AHCLKRX)
Pulse duration, MCASP[x]_AHCLKR/X high or low
0.5P(2) -
1.53
ns
ASP3 tc(ACLKRX)
Cycle time, MCASP[x]_ACLKR/X
15.26
ns
ASP4 tw(ACLKRX)
Pulse duration, MCASP[x]_ACLKR/X high or low
0.5R(3) -
1.53
ns
ASP5 tsu(AFSRX-ACLKRX)
Setup time, MCASP[x]_AFSR/X input valid before
MCASP[x]_ACLKR/X
ACLKR/X int
12.3
ns
ACLKR/X ext in/out
4
ASP6 th(ACLKRX-AFSRX)
Hold time, MCASP[x]_AFSR/X input valid after
MCASP[x]_ACLKR/X
ACLKR/X int
-1
ns
ACLKR/X ext in/out
1.6
ASP7 tsu(AXR-ACLKRX)
Setup time, MCASP[x]_AXR input valid before
MCASP[x]_ACLKR/X
ACLKR/X int
12.3
ns
ACLKR/X ext in/out
4
ASP8 th(ACLKRX-AXR)
Hold time, MCASP[x]_AXR input valid after
MCASP[x]_ACLKR/X
ACLKR/X int
-1
ns
ACLKR/X ext in/out
1.6
(1)
ACLKR internal: ACLKRCTL.CLKRM=1, PDIR.ACLKR = 1
ACLKR external input: ACLKRCTL.CLKRM=0, PDIR.ACLKR=0
ACLKR external output: ACLKRCTL.CLKRM=0, PDIR.ACLKR=1
ACLKX internal: ACLKXCTL.CLKXM=1, PDIR.ACLKX = 1
ACLKX external input: ACLKXCTL.CLKXM=0, PDIR.ACLKX=0
ACLKX external output: ACLKXCTL.CLKXM=0, PDIR.ACLKX=1
(2)
P = AHCLKR/X period in ns.
(3)
R = ACLKR/X period in ns.
www.ti.com
TDA4VM-Q1, TDA4VM
SPRSP36K – SEPTEMBER 2021 – REVISED APRIL 2024
Copyright © 2024 Texas Instruments Incorporated
Submit Document Feedback
255
Product Folder Links: TDA4VM-Q1 TDA4VM



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com