Electronic Components Datasheet Search
  English  ▼

X  

TDA4VM21 Datasheet(PDF) 254 Page - Texas Instruments

Part # TDA4VM21
Description  TDA4VM Processors
PDF  331 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TDA4VM21 Datasheet(HTML) 254 Page - Texas Instruments

Back Button TDA4VM21 Datasheet HTML 250Page - Texas Instruments TDA4VM21 Datasheet HTML 251Page - Texas Instruments TDA4VM21 Datasheet HTML 252Page - Texas Instruments TDA4VM21 Datasheet HTML 253Page - Texas Instruments TDA4VM21 Datasheet HTML 254Page - Texas Instruments TDA4VM21 Datasheet HTML 255Page - Texas Instruments TDA4VM21 Datasheet HTML 256Page - Texas Instruments TDA4VM21 Datasheet HTML 257Page - Texas Instruments TDA4VM21 Datasheet HTML 258Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 254 / 331 page
background image
6.9.5.16 MCAN
For more details about features and additional description information on the device Controller Area Network
Interface, see the corresponding sections within Section 5.3, Signal Descriptions and Section 7, Detailed
Description.
Note
The device has multiple MCAN modules. MCANn is a generic prefix applied to MCAN signal names,
where n represents the specific MCAN module.
Table 6-65. MCAN Timing Conditions
PARAMETER
MIN
MAX
UNIT
INPUT CONDITIONS
SRI
Input slew rate
2
15
V/ns
OUTPUT CONDITIONS
CL
Output load capacitance
5
20
pF
Table 6-66. MCAN Switching Characteristics
NO.
PARAMETER
MIN
MAX
UNIT
M1
td(MCAN_TX)
Delay time, transmit shift register to MCANn_TX pin(1)
10
ns
M2
td(MCAN_RX)
Delay time, MCANn_RX pin to receive shift register(1)
10
ns
(1)
n is [0:13] in MCANn_* or [0:1] in MCU_MCANn_*
For more information, see Controller Area Network (MCAN) section in Peripherals chapter in the device TRM.
TDA4VM-Q1, TDA4VM
SPRSP36K – SEPTEMBER 2021 – REVISED APRIL 2024
www.ti.com
254
Submit Document Feedback
Copyright © 2024 Texas Instruments Incorporated
Product Folder Links: TDA4VM-Q1 TDA4VM



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com