Electronic Components Datasheet Search
  English  ▼

X  

TMP175 Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
Part # TMP175
Description  TMPx75-Q1 Automotive Grade Temperature Sensor With I2C and SMBus Interface in Industry-Standard LM75 Form Factor and Pinout
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMP175 Datasheet(HTML) 6 Page - Texas Instruments

Back Button TMP175 Datasheet HTML 2Page - Texas Instruments TMP175 Datasheet HTML 3Page - Texas Instruments TMP175 Datasheet HTML 4Page - Texas Instruments TMP175 Datasheet HTML 5Page - Texas Instruments TMP175 Datasheet HTML 6Page - Texas Instruments TMP175 Datasheet HTML 7Page - Texas Instruments TMP175 Datasheet HTML 8Page - Texas Instruments TMP175 Datasheet HTML 9Page - Texas Instruments TMP175 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 33 page
background image
TMP175-Q1, TMP75-Q1
SBOS759 – NOVEMBER 2015
www.ti.com
6.6 Timing Requirements
see the Timing Diagrams and Two-Wire Timing Diagrams sections for additional information
(1)
HIGH-SPEED
FAST MODE
MODE
UNIT
MIN
MAX
MIN
MAX
ƒ(SCL)
SCL operating frequency
V+
0.001
0.4
0.001
2.38
MHz
Bus-free time between STOP and START
t(BUF)
1300
160
ns
condition
Hold time after repeated START condition.
t(HDSTA)
600
160
ns
After this period, the first clock is generated.
See the Timing Diagrams section
t(SUSTA)
Repeated START condition setup time
600
160
ns
t(SUSTO)
STOP condition setup time
600
160
ns
t(HDDAT)
Data hold time
4
900
4
120
ns
t(SUDAT)
Data setup time
100
10
ns
t(LOW)
SCL clock low period
V+ , see the Timing Diagrams section
1300
280
ns
t(HIGH)
SCL clock high period
See the Timing Diagrams section
600
60
ns
tFD
Data fall time
See the Timing Diagrams section
300
150
ns
See the Two-Wire Timing Diagrams section
300
40
ns
tRC
Clock rise time
SCLK
≤ 100 kHz, see the Timing Diagrams
1000
ns
section
tFC
Clock fall time
See the Two-Wire Timing Diagrams section
300
40
ns
(1)
Values are based on a statistical analysis of a one-time sample of devices. Minimum and maximum values are not specified and are not
production tested.
6
Submit Documentation Feedback
Copyright © 2015, Texas Instruments Incorporated
Product Folder Links: TMP175-Q1 TMP75-Q1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com