Electronic Components Datasheet Search
  English  ▼

X  

TMP175 Datasheet(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
Part # TMP175
Description  TMPx75-Q1 Automotive Grade Temperature Sensor With I2C and SMBus Interface in Industry-Standard LM75 Form Factor and Pinout
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMP175 Datasheet(HTML) 11 Page - Texas Instruments

Back Button TMP175 Datasheet HTML 7Page - Texas Instruments TMP175 Datasheet HTML 8Page - Texas Instruments TMP175 Datasheet HTML 9Page - Texas Instruments TMP175 Datasheet HTML 10Page - Texas Instruments TMP175 Datasheet HTML 11Page - Texas Instruments TMP175 Datasheet HTML 12Page - Texas Instruments TMP175 Datasheet HTML 13Page - Texas Instruments TMP175 Datasheet HTML 14Page - Texas Instruments TMP175 Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 33 page
background image
TMP175-Q1, TMP75-Q1
www.ti.com
SBOS759 – NOVEMBER 2015
The TMP75-Q1 features three address pins, allowing up to eight devices to be connected per bus. Pin logic
levels are described in Table 3. The address pins of the TMP175-Q1 and TMP75-Q1 are read after reset, at start
of communication, or in response to a two-wire address acquire request. After the state of the pins are read, the
address is latched to minimize power dissipation associated with detection.
Table 3. Address Pins and Slave Addresses for the TMP75-Q1
A2
A1
A0
SLAVE ADDRESS
0
0
0
1001000
0
0
1
1001001
0
1
0
1001010
0
1
1
1001011
1
0
0
1001100
1
0
1
1001101
1
1
0
1001110
1
1
1
1001111
7.3.2.3 Writing and Reading to the TMP175-Q1 and TMP75-Q1
Accessing a particular register on the TMP175-Q1 and TMP75-Q1 devices is accomplished by writing the
appropriate value to the Pointer register. The value for the Pointer register is the first byte transferred after the
slave address byte with the R/W bit low. Every write operation to the TMP175-Q1 and TMP75-Q1 requires a
value for the Pointer register (see Figure 7).
When reading from the TMP175-Q1 and TMP75-Q1 devices, the last value stored in the Pointer register by a
write operation is used to determine which register is read by a read operation. To change the register pointer for
a read operation, a new value must be written to the Pointer register. This action is accomplished by issuing a
slave address byte with the R/W bit low, followed by the Pointer register byte. No additional data are required.
The master can then generate a START condition and send the slave address byte with the R/W bit high to
initiate the read command; see Figure 9 for details of this sequence. If repeated reads from the same register are
desired, the Pointer register bytes do not have to be continually sent because the TMP175-Q1 and TMP75-Q1
remember the Pointer register value until it is changed by the next write operation.
Register bytes are sent MSB first, followed by the LSB.
7.3.2.4 Slave Mode Operations
The TMP175-Q1 and TMP75-Q1 can operate as a slave receiver or slave transmitter.
7.3.2.4.1
Slave Receiver Mode
The first byte transmitted by the master is the slave address, with the R/W bit low. The TMP175-Q1 or TMP75-
Q1 then acknowledges reception of a valid address. The next byte transmitted by the master is the Pointer
register. The TMP175-Q1 or TMP75-Q1 then acknowledges reception of the Pointer register byte. The next byte
or bytes are written to the register addressed by the Pointer register. The TMP175-Q1 and TMP75-Q1
acknowledge reception of each data byte. The master can terminate data transfer by generating a START or
STOP condition.
7.3.2.4.2
Slave Transmitter Mode
The first byte is transmitted by the master and is the slave address, with the R/W bit high. The slave
acknowledges reception of a valid slave address. The next byte is transmitted by the slave and is the most
significant byte of the register indicated by the Pointer register. The master acknowledges reception of the data
byte. The next byte transmitted by the slave is the least significant byte. The master acknowledges reception of
the data byte. The master can terminate data transfer by generating a Not-Acknowledge bit on reception of any
data byte, or by generating a START or STOP condition.
Copyright © 2015, Texas Instruments Incorporated
Submit Documentation Feedback
11
Product Folder Links: TMP175-Q1 TMP75-Q1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com