Electronic Components Datasheet Search
  English  ▼

X  

TMP175 Datasheet(PDF) 17 Page - Texas Instruments

Click here to check the latest version.
Part # TMP175
Description  TMPx75-Q1 Automotive Grade Temperature Sensor With I2C and SMBus Interface in Industry-Standard LM75 Form Factor and Pinout
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMP175 Datasheet(HTML) 17 Page - Texas Instruments

Back Button TMP175 Datasheet HTML 13Page - Texas Instruments TMP175 Datasheet HTML 14Page - Texas Instruments TMP175 Datasheet HTML 15Page - Texas Instruments TMP175 Datasheet HTML 16Page - Texas Instruments TMP175 Datasheet HTML 17Page - Texas Instruments TMP175 Datasheet HTML 18Page - Texas Instruments TMP175 Datasheet HTML 19Page - Texas Instruments TMP175 Datasheet HTML 20Page - Texas Instruments TMP175 Datasheet HTML 21Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 33 page
background image
TMP175-Q1, TMP75-Q1
www.ti.com
SBOS759 – NOVEMBER 2015
7.5.2 Temperature Register
The Temperature register of the TMP175-Q1 or TMP75-Q1 is a 12-bit, read-only register that stores the output of
the most recent conversion. Two bytes must be read to obtain data and are described in Table 6 and Table 7.
Byte 1 is the most significant byte and is followed by byte 2, the least significant byte. The first 12 bits are used
to indicate temperature, with all remaining bits equal to zero. The least significant byte does not have to be read
if that information is not needed. Following the power-up or reset value, the Temperature register reads 0°C until
the first conversion is complete.
Table 6. Byte 1 of the Temperature Register
D7
D6
D5
D4
D3
D2
D1
D0
T11
T10
T9
T8
T7
T6
T5
T4
Table 7. Byte 2 of the Temperature Register
D7
D6
D5
D4
D3
D2
D1
D0
T3
T2
T1
T0
0
0
0
0
7.5.3 Configuration Register
The Configuration register is an 8-bit read/write register used to store bits that control the operational modes of
the temperature sensor. Read and write operations are performed MSB first. The format of the Configuration
register for the TMP175-Q1 and TMP75-Q1 is shown in Table 8, followed by a breakdown of the register bits.
The power-up or reset value of the Configuration register are all bits equal to 0.
Table 8. Configuration Register Format
BYTE
D7
D6
D5
D4
D3
D2
D1
D0
1
OS
R1
R0
F1
F0
POL
TM
SD
Copyright © 2015, Texas Instruments Incorporated
Submit Documentation Feedback
17
Product Folder Links: TMP175-Q1 TMP75-Q1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com