Electronic Components Datasheet Search
  English  ▼

X  

TMP175 Datasheet(PDF) 22 Page - Texas Instruments

Click here to check the latest version.
Part # TMP175
Description  TMPx75-Q1 Automotive Grade Temperature Sensor With I2C and SMBus Interface in Industry-Standard LM75 Form Factor and Pinout
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMP175 Datasheet(HTML) 22 Page - Texas Instruments

Back Button TMP175 Datasheet HTML 18Page - Texas Instruments TMP175 Datasheet HTML 19Page - Texas Instruments TMP175 Datasheet HTML 20Page - Texas Instruments TMP175 Datasheet HTML 21Page - Texas Instruments TMP175 Datasheet HTML 22Page - Texas Instruments TMP175 Datasheet HTML 23Page - Texas Instruments TMP175 Datasheet HTML 24Page - Texas Instruments TMP175 Datasheet HTML 25Page - Texas Instruments TMP175 Datasheet HTML 26Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 33 page
background image
Time (s)
-1
1
3
5
7
9
11
13
15
17
19
25
30
35
40
45
50
55
60
65
70
75
80
85
90
95
100
TMP175-Q1, TMP75-Q1
SBOS759 – NOVEMBER 2015
www.ti.com
Typical Application (continued)
8.2.2 Detailed Design Procedure
Place the TMP175-Q1 and TMP75-Q1 devices in close proximity to the heat source that must be monitored, with
a proper layout for good thermal coupling. This placement ensures that temperature changes are captured within
the shortest possible time interval. To maintain accuracy in applications that require air or surface temperature
measurement, take care to isolate the package and leads from ambient air temperature. A thermally-conductive
adhesive is helpful in achieving accurate surface temperature measurement.
8.2.3 Application Curve
Figure 14 shows the step response of the TMP175-Q1 and TMP75-Q1 devices to a submersion in an oil bath of
100ºC from room temperature (27ºC). The time-constant, or the time for the output to reach 63% of the input
step, is 1.5 s. The time-constant result depends on the PCB where the TMPx175 devices are mounted. For this
test, the TMP175-Q1 and TMP75-Q1 devices were soldered to a two-layer PCB that measured 0.375 inches ×
0.437 inches.
Figure 14. Temperature Step Response
22
Submit Documentation Feedback
Copyright © 2015, Texas Instruments Incorporated
Product Folder Links: TMP175-Q1 TMP75-Q1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com