Electronic Components Datasheet Search
  English  ▼

X  

TMP175 Datasheet(PDF) 18 Page - Texas Instruments

Click here to check the latest version.
Part # TMP175
Description  TMPx75-Q1 Automotive Grade Temperature Sensor With I2C and SMBus Interface in Industry-Standard LM75 Form Factor and Pinout
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMP175 Datasheet(HTML) 18 Page - Texas Instruments

Back Button TMP175 Datasheet HTML 14Page - Texas Instruments TMP175 Datasheet HTML 15Page - Texas Instruments TMP175 Datasheet HTML 16Page - Texas Instruments TMP175 Datasheet HTML 17Page - Texas Instruments TMP175 Datasheet HTML 18Page - Texas Instruments TMP175 Datasheet HTML 19Page - Texas Instruments TMP175 Datasheet HTML 20Page - Texas Instruments TMP175 Datasheet HTML 21Page - Texas Instruments TMP175 Datasheet HTML 22Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 33 page
background image
Measured
Temperature
T
HIGH
T
LOW
Device ALERT Pin
(Compara tor Mode)
POL =0
Device ALERT Pin
(Interrupt Mode)
POL =0
Device ALERT Pin
(Compara tor Mode)
POL =1
Device ALERT Pin
(Interrupt Mode)
POL =1
Read
Read
Time
Read
TMP175-Q1, TMP75-Q1
SBOS759 – NOVEMBER 2015
www.ti.com
7.5.3.1 Polarity (POL)
The Polarity bit of the TMP175-Q1 lets the user adjust the polarity of the ALERT pin output. If the POL bit is set
to 0 (default), the ALERT pin becomes active low. When the POL bit is set to 1, the ALERT pin becomes active
high and the state of the ALERT pin is inverted. The operation of the ALERT pin in various modes is shown in
Figure 12.
Figure 12. Output Transfer Function Diagrams
7.5.3.2 Fault Queue (F1/F0)
A fault condition is defined as when the measured temperature exceeds the user-defined limits set in the THIGH
and TLOW registers. Additionally, the number of fault conditions required to generate an alert can be programmed
using the fault queue. The fault queue is provided to prevent a false alert resulting from environmental noise. The
fault queue requires consecutive fault measurements in order to trigger the Alert function. Table 9 defines the
number of measured faults that can be programmed to trigger an Alert condition in the device. For the THIGH and
TLOW register format and byte order, see the High- and Low-Limit Registers section.
Table 9. Fault Settings of the TMP175-Q1 and TMP75-Q1
F1
F0
CONSECUTIVE FAULTS
0
0
1
0
1
2
1
0
4
1
1
6
18
Submit Documentation Feedback
Copyright © 2015, Texas Instruments Incorporated
Product Folder Links: TMP175-Q1 TMP75-Q1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com