Electronic Components Datasheet Search
  English  ▼

X  

TMP175 Datasheet(PDF) 20 Page - Texas Instruments

Click here to check the latest version.
Part # TMP175
Description  TMPx75-Q1 Automotive Grade Temperature Sensor With I2C and SMBus Interface in Industry-Standard LM75 Form Factor and Pinout
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMP175 Datasheet(HTML) 20 Page - Texas Instruments

Back Button TMP175 Datasheet HTML 16Page - Texas Instruments TMP175 Datasheet HTML 17Page - Texas Instruments TMP175 Datasheet HTML 18Page - Texas Instruments TMP175 Datasheet HTML 19Page - Texas Instruments TMP175 Datasheet HTML 20Page - Texas Instruments TMP175 Datasheet HTML 21Page - Texas Instruments TMP175 Datasheet HTML 22Page - Texas Instruments TMP175 Datasheet HTML 23Page - Texas Instruments TMP175 Datasheet HTML 24Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 33 page
background image
TMP175-Q1, TMP75-Q1
SBOS759 – NOVEMBER 2015
www.ti.com
Both operational modes are represented in Figure 12. Table 11, Table 12, Table 13, and Table 14 describe the
format for the THIGH and TLOW registers. The most significant byte is sent first, followed by the least significant
byte. Power-up reset values for THIGH and TLOW are:
THIGH = 80°C and TLOW = 75°C
The format of the data for THIGH and TLOW is the same as for the Temperature register.
Table 11. Byte 1 of the THIGH Register
D7
D6
D5
D4
D3
D2
D1
D0
H11
H10
H9
H8
H7
H6
H5
H4
Table 12. Byte 2 of the THIGH Register
D7
D6
D5
D4
D3
D2
D1
D0
H3
H2
H1
H0
0
0
0
0
Table 13. Byte 1 of the TLOW Register
BYTE
D7
D6
D5
D4
D3
D2
D1
D0
1
L11
L10
L9
L8
L7
L6
L5
L4
Table 14. Byte 2 of the TLOW Register
D7
D6
D5
D4
D3
D2
D1
D0
L3
L2
L1
L0
0
0
0
0
All 12 bits for the Temperature, THIGH, and TLOW registers are used in the comparisons for the Alert function for
all converter resolutions. The three LSBs in THIGH and TLOW can affect the Alert output even if the converter is
configured for 9-bit resolution.
20
Submit Documentation Feedback
Copyright © 2015, Texas Instruments Incorporated
Product Folder Links: TMP175-Q1 TMP75-Q1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com