Electronic Components Datasheet Search
  English  ▼

X  

TMP175 Datasheet(PDF) 19 Page - Texas Instruments

Click here to check the latest version.
Part # TMP175
Description  TMPx75-Q1 Automotive Grade Temperature Sensor With I2C and SMBus Interface in Industry-Standard LM75 Form Factor and Pinout
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMP175 Datasheet(HTML) 19 Page - Texas Instruments

Back Button TMP175 Datasheet HTML 15Page - Texas Instruments TMP175 Datasheet HTML 16Page - Texas Instruments TMP175 Datasheet HTML 17Page - Texas Instruments TMP175 Datasheet HTML 18Page - Texas Instruments TMP175 Datasheet HTML 19Page - Texas Instruments TMP175 Datasheet HTML 20Page - Texas Instruments TMP175 Datasheet HTML 21Page - Texas Instruments TMP175 Datasheet HTML 22Page - Texas Instruments TMP175 Datasheet HTML 23Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 33 page
background image
TMP175-Q1, TMP75-Q1
www.ti.com
SBOS759 – NOVEMBER 2015
7.5.3.3 Converter Resolution (R1/R0)
The Converter Resolution bits control the resolution of the internal analog-to-digital (ADC) converter. This control
allows the user to maximize efficiency by programming for higher resolution or faster conversion time. Table 10
identifies the resolution bits and the relationship between resolution and conversion time.
Table 10. Resolution of the TMP175-Q1 and TMP75-Q1
CONVERSION TIME
R1
R0
RESOLUTION
(Typical)
0
0
9 bits (0.5°C)
27.5 ms
0
1
10 bits (0.25°C)
55 ms
1
0
11 bits (0.125°C)
110 ms
1
1
12 bits (0.0625°C)
220 ms
7.5.4 High- and Low-Limit Registers
In comparator mode (TM = 0), the ALERT pin of the TMP175-Q1 and TMP75-Q1 becomes active when the
temperature equals or exceeds the value in THIGH and generates a consecutive number of faults according to
fault bits F1 and F0. The ALERT pin remains active until the temperature falls below the indicated TLOW value for
the same number of faults.
In interrupt mode (TM = 1), the ALERT pin becomes active when the temperature equals or exceeds THIGH for a
consecutive number of fault conditions. The ALERT pin remains active until a read operation of any register
occurs, or the device successfully responds to the SMBus alert response address. The ALERT pin is also
cleared if the device is placed in shutdown mode. When cleared, the ALERT pin only becomes active again by
the temperature falling below TLOW. When the temperature falls below TLOW, the ALERT pin becomes active and
remains active until cleared by a read operation of any register or a successful response to the SMBus alert
response address. When the ALERT pin is cleared, the above cycle repeats, with the ALERT pin becoming
active when the temperature equals or exceeds THIGH. The ALERT pin can also be cleared by resetting the
device with the General-Call Reset command. This action also clears the state of the internal registers in the
device, returning the device to comparator mode (TM = 0).
Copyright © 2015, Texas Instruments Incorporated
Submit Documentation Feedback
19
Product Folder Links: TMP175-Q1 TMP75-Q1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com