Electronic Components Datasheet Search
  English  ▼

X  

TMP175 Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # TMP175
Description  TMPx75-Q1 Automotive Grade Temperature Sensor With I2C and SMBus Interface in Industry-Standard LM75 Form Factor and Pinout
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMP175 Datasheet(HTML) 1 Page - Texas Instruments

  TMP175 Datasheet HTML 1Page - Texas Instruments TMP175 Datasheet HTML 2Page - Texas Instruments TMP175 Datasheet HTML 3Page - Texas Instruments TMP175 Datasheet HTML 4Page - Texas Instruments TMP175 Datasheet HTML 5Page - Texas Instruments TMP175 Datasheet HTML 6Page - Texas Instruments TMP175 Datasheet HTML 7Page - Texas Instruments TMP175 Datasheet HTML 8Page - Texas Instruments TMP175 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 33 page
background image
Diode
Sensor
Σ
ADC
OSC
Control
Logic
Serial
Interface
Config.
and Temp.
Register
Temperature
ALERT
SDA
1
3
4
8
6
5
GND
V+
A1
SCL
2
7
A0
A2
Temp.
SCL
ALERT
GND
2
6
1
A0
V+
3
5
Two-Wire
Host
Controller
TMP175-Q1,
TMP75-Q1
SDA
5-k
Pullup Resistors
0.01-µF
Supply Bypass
Capacitor
2.7-V to 5.5-V
Supply Voltage
A1
A2
4
7
8
Product
Folder
Sample &
Buy
Technical
Documents
Tools &
Software
Support &
Community
TMP175-Q1, TMP75-Q1
SBOS759 – NOVEMBER 2015
TMPx75-Q1 Automotive Grade Temperature Sensor With I2C and SMBus Interface in
Industry-Standard LM75 Form Factor and Pinout
1 Features
3 Description
The TMP75-Q1 and TMP175-Q1 devices are digital
1
•
AEC-Q100 Qualified with:
temperature sensors ideal for negative temperature
–
Temperature Grade 1: –40°C to +125°C
coefficient (NTC) and positive temperature coefficient
Ambient Operation Temperature Range
(PTC) thermistor replacement. The devices offer a
–
HBM ESD Classification Level 2
typical accuracy of ±1°C without requiring calibration
or external component signal conditioning. Device
–
CDM ESD Classification Level C6
temperature sensors are highly linear and do not
•
TMP175-Q1 Accuracy:
require complex calculations or look-up tables to
–
±1°C (Typical) from –40°C to +125°C
derive the temperature. The on-chip, 12-bit, analog-
to-digital converter (ADC) offers resolutions down to
–
±2°C (Maximum) from –40°C to +125°C
0.0625°C. The devices are available in the industry-
•
TMP75-Q1 Accuracy:
standard, LM75, 8-pin SOIC and VSSOP footprint.
–
±1°C (Typical) from –40°C to +125°C
The TMP175-Q1 and TMP75-Q1 feature SMBus,
–
±3°C (Maximum) from –40°C to +125°C
two-wire,
and
I2C
interface
compatibility.
The
•
TMP175-Q1: 27 Addresses
TMP175-Q1 device allows up to 27 devices on one
bus. The TMP75-Q1 allows up to eight devices on
•
TMP75-Q1: 8 Addresses, NIST Traceable
one bus. The TMP175-Q1 and TMP75-Q1 both
•
Digital Output: SMBus™, Two-Wire, and I2C
feature an SMBus alert function.
Interface Compatibility
The TMP175-Q1 and TMP75-Q1 devices are ideal for
•
Resolution: 9 to 12 Bits, User-Selectable
extended temperature measurement in a variety of
•
Low Quiescent Current: 50-
μA, 0.1-μA Standby
communication, computer, consumer, environmental,
•
Wide Supply Range: 2.7 V to 5.5 V
industrial,
and
instrumentation
applications.
The
TMP75-Q1 production units are 100% tested against
•
Small 8-Pin VSSOP and 8-Pin SOIC Packages
sensors that are NIST-traceable and are verified with
equipment that are NIST-traceable through ISO/IEC
2 Applications
17025 accredited calibrations.
•
Climate Controls
The
TMP175-Q1
and
TMP75-Q1
devices
are
•
Infotainment Processor Management
specified for operation over the temperature range of
•
Airflow Sensors
–40°C to +125°C.
•
Battery Control Units
Device Information(1)
•
Engine Control Units
PART NUMBER
PACKAGE
BODY SIZE (NOM)
•
UREA Sensors
SOIC (8)
4.90 mm × 3.91 mm
TMPx75-Q1
•
Water Pumps
VSSOP (8)
3.00 mm × 3.00 mm
•
HID Lamps
(1) For all available packages, see the orderable addendum at
•
Airbag Control Units
the end of the data sheet.
Simplified Schematic
TMP175-Q1 and TMP75-Q1 Internal Block Diagram
1
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. PRODUCTION DATA.


Similar Part No. - TMP175

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TMP175 TI-TMP175 Datasheet
295Kb / 13P
Digital Temperature Sensor with Two-Wire Interface
TMP175 TI-TMP175 Datasheet
130Kb / 10P
2C Accurate Digital Temperature Sensor with SPI Interface
TMP175 TI1-TMP175 Datasheet
640Kb / 20P
Digital Temperature Sensor with Two-Wire Interface
TMP175 TI1-TMP175 Datasheet
446Kb / 31P
TMPx75-Q1 Automotive Grade Temperature Sensor With I2C and SMBus Interface in Industry-Standard LM75 Form Factor and Pinout
logo
Guangdong Youtai Semico...
TMP175 UMW-TMP175 Datasheet
874Kb / 18P
Low-Power, LM75-Compatible Digital Temperature Sensor WithS MBus and I 2C Interface
More results

Similar Description - TMP175

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TMP175 TI1-TMP175_15 Datasheet
981Kb / 33P
TMPx75 Temperature Sensor With I2C and SMBus Interface in Industry Standard LM75 Form Factor and Pinout
TMP175-Q1 TI1-TMP175-Q1 Datasheet
446Kb / 31P
TMPx75-Q1 Automotive Grade Temperature Sensor With I2C and SMBus Interface in Industry-Standard LM75 Form Factor and Pinout
TMP275 TI1-TMP275_15 Datasheet
1,012Kb / 33P
TMP275 짹0.5째C Temperature Sensor With I2C and SMBus Interface in Industry Standard LM75 Form Factor and Pinout
TMP100-Q1 TI1-TMP100-Q1_17 Datasheet
414Kb / 29P
Temperature Sensor With I2C and SMBus Interface with Alert Function in SOT-23 Package
TMP1075 TI1-TMP1075 Datasheet
338Kb / 26P
Temperature Sensor With I2C and SMBus Interface in Industry Standard LM75 Form Factor and Pinout
TMP1075 TI1-TMP1075_18 Datasheet
978Kb / 30P
Temperature Sensor With I2C and SMBus Interface in Industry Standard LM75 Form Factor and Pinout
logo
Delta Electronics, Inc.
V48SR1R225 DELTA-V48SR1R225 Datasheet
528Kb / 14P
Industry standard footprint and pinout
logo
Texas Instruments
TMP1075_1810 TI1-TMP1075_1810 Datasheet
1,009Kb / 31P
Temperature Sensor With I2C and SMBus Interface in Industry Standard LM75 Form Factor and Pinout
TMP1075_1812 TI1-TMP1075_1812 Datasheet
2Mb / 40P
Temperature Sensor With I2C and SMBus Interface in Industry Standard LM75 Form Factor and Pinout
TMP1075 TI-TMP1075_V01 Datasheet
3Mb / 48P
TMP1075 Temperature Sensor With I2C and SMBus Interface in Industry Standard LM75 Form Factor and Pinout
AUGUST 2021
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com