Electronic Components Datasheet Search
  English  ▼

X  

TMP175 Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # TMP175
Description  TMPx75-Q1 Automotive Grade Temperature Sensor With I2C and SMBus Interface in Industry-Standard LM75 Form Factor and Pinout
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMP175 Datasheet(HTML) 3 Page - Texas Instruments

  TMP175 Datasheet HTML 1Page - Texas Instruments TMP175 Datasheet HTML 2Page - Texas Instruments TMP175 Datasheet HTML 3Page - Texas Instruments TMP175 Datasheet HTML 4Page - Texas Instruments TMP175 Datasheet HTML 5Page - Texas Instruments TMP175 Datasheet HTML 6Page - Texas Instruments TMP175 Datasheet HTML 7Page - Texas Instruments TMP175 Datasheet HTML 8Page - Texas Instruments TMP175 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 33 page
background image
SDA
SCL
ALERT
GND
V+
A0
A1
A2
1
2
3
4
8
7
6
5
TMP175-Q1, TMP75-Q1
www.ti.com
SBOS759 – NOVEMBER 2015
5 Pin Configuration and Functions
DGK, D Packages
8-Pin VSSOP, SOIC
Top View
NOTE: Pin 1 is determined by orienting the package marking as indicated in the diagram.
Pin Functions
PIN
I/O
DESCRIPTION
NO.
NAME
1
SDA
I/O
Serial data. Open-drain output; requires a pullup resistor.
2
SCL
I
Serial clock. Open-drain output; requires a pullup resistor.
3
ALERT
O
Overtemperature alert. Open-drain output; requires a pullup resistor.
4
GND
—
Ground
5
A2
6
A1
I
Address select. Connect to GND, V+, or (for the TMP175-Q1 device only) leave these pins floating.
7
A0
8
V+
I
Supply voltage, 2.7 V to 5.5 V
Copyright © 2015, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Links: TMP175-Q1 TMP75-Q1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com