Electronic Components Datasheet Search
  English  ▼

X  

TMP175 Datasheet(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
Part # TMP175
Description  TMPx75-Q1 Automotive Grade Temperature Sensor With I2C and SMBus Interface in Industry-Standard LM75 Form Factor and Pinout
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMP175 Datasheet(HTML) 8 Page - Texas Instruments

Back Button TMP175 Datasheet HTML 4Page - Texas Instruments TMP175 Datasheet HTML 5Page - Texas Instruments TMP175 Datasheet HTML 6Page - Texas Instruments TMP175 Datasheet HTML 7Page - Texas Instruments TMP175 Datasheet HTML 8Page - Texas Instruments TMP175 Datasheet HTML 9Page - Texas Instruments TMP175 Datasheet HTML 10Page - Texas Instruments TMP175 Datasheet HTML 11Page - Texas Instruments TMP175 Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 33 page
background image
Diode
Sensor
Σ
ADC
OSC
Control
Logic
Serial
Interface
Config.
and Temp.
Register
Temperature
ALERT
SDA
1
3
4
8
6
5
GND
V+
A1
SCL
2
7
A0
A2
Temp.
TMP175-Q1, TMP75-Q1
SBOS759 – NOVEMBER 2015
www.ti.com
7 Detailed Description
7.1 Overview
The TMP175-Q1 and TMP75-Q1 devices are digital temperature sensors that are optimal for thermal
management and thermal protection applications. The TMP175-Q1 and TMP75-Q1 are two-wire, SMBus, and
I2C interface compatible. The devices are specified over a temperature range of –40°C to +125°C. The
Functional Block Diagram section shows the internal block diagram of the TMP175-Q1 and TMP75-Q1 devices.
The temperature sensor in the TMP175-Q1 and TMP75-Q1 devices is the chip itself. Thermal paths run through
the package leads as well as the plastic package. The package leads provide the primary thermal path because
of the lower thermal resistance of the metal.
7.2 Functional Block Diagram
8
Submit Documentation Feedback
Copyright © 2015, Texas Instruments Incorporated
Product Folder Links: TMP175-Q1 TMP75-Q1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com