Electronic Components Datasheet Search
  English  ▼

X  

TMP175 Datasheet(PDF) 15 Page - Texas Instruments

Click here to check the latest version.
Part # TMP175
Description  TMPx75-Q1 Automotive Grade Temperature Sensor With I2C and SMBus Interface in Industry-Standard LM75 Form Factor and Pinout
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMP175 Datasheet(HTML) 15 Page - Texas Instruments

Back Button TMP175 Datasheet HTML 11Page - Texas Instruments TMP175 Datasheet HTML 12Page - Texas Instruments TMP175 Datasheet HTML 13Page - Texas Instruments TMP175 Datasheet HTML 14Page - Texas Instruments TMP175 Datasheet HTML 15Page - Texas Instruments TMP175 Datasheet HTML 16Page - Texas Instruments TMP175 Datasheet HTML 17Page - Texas Instruments TMP175 Datasheet HTML 18Page - Texas Instruments TMP175 Datasheet HTML 19Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 33 page
background image
TMP175-Q1, TMP75-Q1
www.ti.com
SBOS759 – NOVEMBER 2015
7.4 Device Functional Modes
7.4.1 Shutdown Mode (SD)
The shutdown mode of the TMP175-Q1 and TMP75-Q1 devices lets the user save maximum power by shutting
down all device circuitry other than the serial interface, thus reducing current consumption to typically less than
0.1
μA. Shutdown mode is enabled when the SD bit is 1; the device shuts down when the current conversion is
completed. When SD is equal to 0, the device maintains a continuous conversion state.
7.4.2 One-Shot (OS)
The TMP175-Q1 and TMP75-Q1 feature a one-shot temperature measurement mode. When the device is in
shutdown mode, writing 1 to the OS bit starts a single temperature conversion. The device returns to the
shutdown state at the completion of the single conversion. This feature is useful to reduce power consumption in
the TMP175-Q1 and TMP75-Q1 when continuous temperature monitoring is not required. When the configuration
register is read, OS always reads zero.
7.4.3 Thermostat Mode (TM)
The thermostat mode bit of the TMP175-Q1 and TMP75-Q1 indicates to the device whether to operate in
comparator mode (TM = 0) or interrupt mode (TM = 1). For more information on comparator and interrupt modes,
see the High- and Low-Limit Registers section.
7.4.3.1 Comparator Mode (TM = 0)
In comparator mode (TM = 0), the ALERT pin is activated when the temperature equals or exceeds the value in
the T(HIGH) register and remains active until the temperature falls below the value in the T(LOW) register. For more
information on the comparator mode, see the High- and Low-Limit Registers section.
7.4.3.2 Interrupt Mode (TM = 1)
In interrupt mode (TM = 1), the ALERT pin is activated when the temperature exceeds T(HIGH) or goes below the
T(LOW) registers. The ALERT pin is cleared when the host controller reads the Temperature register. For more
information on the interrupt mode, see the High- and Low-Limit Registers section.
Copyright © 2015, Texas Instruments Incorporated
Submit Documentation Feedback
15
Product Folder Links: TMP175-Q1 TMP75-Q1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com