Electronic Components Datasheet Search
  English  ▼

X  

TMP175 Datasheet(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
Part # TMP175
Description  TMPx75-Q1 Automotive Grade Temperature Sensor With I2C and SMBus Interface in Industry-Standard LM75 Form Factor and Pinout
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMP175 Datasheet(HTML) 10 Page - Texas Instruments

Back Button TMP175 Datasheet HTML 6Page - Texas Instruments TMP175 Datasheet HTML 7Page - Texas Instruments TMP175 Datasheet HTML 8Page - Texas Instruments TMP175 Datasheet HTML 9Page - Texas Instruments TMP175 Datasheet HTML 10Page - Texas Instruments TMP175 Datasheet HTML 11Page - Texas Instruments TMP175 Datasheet HTML 12Page - Texas Instruments TMP175 Datasheet HTML 13Page - Texas Instruments TMP175 Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 33 page
background image
TMP175-Q1, TMP75-Q1
SBOS759 – NOVEMBER 2015
www.ti.com
7.3.2.2 Serial Bus Address
To communicate with the TMP175-Q1 and TMP75-Q1, the master must first address slave devices through a
slave address byte. The slave address byte consists of seven address bits and a direction bit indicating the intent
of executing a read or write operation.
The TMP175-Q1 features three address pins to allow up to 27 devices to be addressed on a single bus interface.
Table 2 describes the pin logic levels used to properly connect up to 27 devices. A 1 indicates that the pin is
connected to the supply (VCC) and a 0 indicates that the pin is connected to GND; float indicates that the pin is
left unconnected. The state of the A0, A1, and A2 pins is sampled on every bus communication and must be set
prior to any activity on the interface.
Table 2. Address Pins and Slave Addresses for the TMP175-Q1
A2
A1
A0
SLAVE ADDRESS
0
0
0
1001000
0
0
1
1001001
0
1
0
1001010
0
1
1
1001011
1
0
0
1001100
1
0
1
1001101
1
1
0
1001110
1
1
1
1001111
Float
0
0
1110000
Float
0
Float
1110001
Float
0
1
1110010
Float
1
0
1110011
Float
1
Float
1110100
Float
1
1
1110101
Float
Float
0
1110110
Float
Float
1
1110111
0
Float
0
0101000
0
Float
1
0101001
1
Float
0
0101010
1
Float
1
0101011
0
0
Float
0101100
0
1
Float
0101101
1
0
Float
0101110
1
1
Float
0101111
0
Float
Float
0110101
1
Float
Float
0110110
Float
Float
Float
0110111
10
Submit Documentation Feedback
Copyright © 2015, Texas Instruments Incorporated
Product Folder Links: TMP175-Q1 TMP75-Q1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com