Electronic Components Datasheet Search
  English  ▼

X  

PM7385 Datasheet(PDF) 39 Page - PMC-Sierra, Inc

Part # PM7385
Description  84 LINK, 672 CHANNEL FRAME ENGINE AND DATA LINK MANAGER WITH ANY-PHY PACKET INTERFACE
PDF  244 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

PM7385 Datasheet(HTML) 39 Page - PMC-Sierra, Inc

Back Button PM7385 Datasheet HTML 35Page - PMC-Sierra, Inc PM7385 Datasheet HTML 36Page - PMC-Sierra, Inc PM7385 Datasheet HTML 37Page - PMC-Sierra, Inc PM7385 Datasheet HTML 38Page - PMC-Sierra, Inc PM7385 Datasheet HTML 39Page - PMC-Sierra, Inc PM7385 Datasheet HTML 40Page - PMC-Sierra, Inc PM7385 Datasheet HTML 41Page - PMC-Sierra, Inc PM7385 Datasheet HTML 42Page - PMC-Sierra, Inc PM7385 Datasheet HTML 43Page - PMC-Sierra, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 244 page
background image
PM7385 FREEDM-84A672
DATA SHEET
PMC-1990114
ISSUE 6
84 LINK, 672 CHANNEL FRAME ENGINE AND DATA LINK MANAGER
WITH ANY-PHY PACKET INTERFACE
PROPRIETARY AND CONFIDENTIAL TO PMC-SIERRA, INC., AND FOR ITS CUSTOMERS’ INTERNAL USE
30
Table 4 – Microprocessor Interface Signals (31)
Pin Name
Type
Pin
No.
Function
D[0]
D[1]
D[2]
D[3]
D[4]
D[5]
D[6]
D[7]
D[8]
D[9]
D[10]
D[11]
D[12]
D[13]
D[14]
D[15]
I/O
C22
D21
A23
B22
C21
D20
A22
B21
C20
D19
B20
C19
A20
B19
C18
D17
The bi-directional data signals (D[15:0]) provide
a data bus to allow the FREEDM-84A672 device
to interface to an external micro-processor.
Both read and write transactions are supported.
The microprocessor interface is used to
configure and monitor the FREEDM-84A672
device.
A[2]
A[3]
A[4]
A[5]
A[6]
A[7]
A[8]
A[9]
A[10]
A[11]
Input
A19
B18
C17
A18
D16
B17
C16
A17
B16
D15
The address signals (A[11:2]) provide an
address bus to allow the FREEDM-84A672
device to interface to an external micro-
processor. All microprocessor accessible
registers are dword aligned.
ALE
Input
A16
The address latch enable signal (ALE) latches
the A[11:2] signals during the address phase of
a bus transaction. When ALE is set high, the
address latches are transparent. When ALE is
set low, the address latches hold the address
provided on A[11:2].
ALE has an integral pull-up resistor.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com