| Electronic Components Datasheet Search |
|
PM7385 Datasheet(PDF) 60 Page - PMC-Sierra, Inc |
|
|
|||||||||||||||||||||||||||||
PM7385 Datasheet(HTML) 60 Page - PMC-Sierra, Inc |
|
60 / 244 page ![]() PM7385 FREEDM-84A672 DATA SHEET PMC-1990114 ISSUE 6 84 LINK, 672 CHANNEL FRAME ENGINE AND DATA LINK MANAGER WITH ANY-PHY PACKET INTERFACE PROPRIETARY AND CONFIDENTIAL TO PMC-SIERRA, INC., AND FOR ITS CUSTOMERS’ INTERNAL USE 51 and the 10 least significant bits of the poll address for identification of a channel. The TAPI672 provides three poll results for every poll address according to Table 9. The TPAn[0] bit indicates whether or not space exists in the channel FIFO for data and the TPAn[1] bit indicates whether or not that polled channel FIFO is at risk of underflowing and should be provided data soon. The TPAn[2] bit indicates that an underflow event has occurred on that channel FIFO. Table 9 – Transmit Polling Poll Address TPA1[0] (Full/Space) TPA1[1] (Space/Starving) TPA1[2] (Underflow) TPA2[0] (Full/Space) TPA2[1] (Space/Starving) TPA2[2] (Underflow) Channel 0 Channel 0 Channel 0 Channel 0 Channel 1 Channel 1 Channel 1 Channel 1 Channel 1 Channel 1 Channel 1 Channel 2 Channel 2 Channel 2 Channel 2 Channel 2 Channel 2 Channel 2 Channel 3 Channel 3 Channel 3 Channel 3 Channel 3 Channel 3 Channel 3 Channel 4 Channel 4 Channel 4 Channel 4 Channel 4 Channel 4 Channel 4 Channel 5 Channel 5 Channel 5 Channel 5 Channel 5 Channel 5 Channel 5 Channel 6 Channel 6 Channel 6 Channel 6 Channel 6 Channel 6 Channel 6 Channel 7 Channel 7 Channel 7 Channel 7 Channel 7 Channel 7 Channel 7 Channel 8 Channel 8 Channel 8 Channel 8 Channel 8 Channel 8 Channel 8 Channel 9 Channel 9 Channel 9 · · · · · · · · · · · · · · · · · · · · · Channel 671 Channel 671 Channel 671 Channel 671 Channel 0 Channel 0 Channel 0 The TAPI672 maintains a mirror image of the status of each channel FIFO in the partial packet buffer. The THDL672 continuously reports the status of the 672 channel FIFOs to the TAPI672 and the TAPI672 updates the mirror image accordingly. The THDL672 also signals to the TAPI672 whenever an underflow event has occurred on a channel FIFO. At the beginning of every data transfer across the Tx APPI, the TAPI672 sets the mirror image status of the channel to “full”. Only the TAPI672 can cause the status to be set to “full” and only the THDL672 can cause the status to be set to “space” or “starving”. Only the THDL672 can cause the status to be set to “underflow” and only the TAPI672 can clear the “underflow” status when that channel FIFO is polled. In the event that both the TAPI672 and the THDL672 try to change the mirror image status of a particular channel simultaneously, the TAPI672 takes precedence, except for the “underflow” status, where the THDL672 takes precedence. |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |